Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2008 Datasheet(PDF) 21 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TNETE2008 Datasheet HTML 17Page - Texas Instruments TNETE2008 Datasheet HTML 18Page - Texas Instruments TNETE2008 Datasheet HTML 19Page - Texas Instruments TNETE2008 Datasheet HTML 20Page - Texas Instruments TNETE2008 Datasheet HTML 21Page - Texas Instruments TNETE2008 Datasheet HTML 22Page - Texas Instruments TNETE2008 Datasheet HTML 23Page - Texas Instruments TNETE2008 Datasheet HTML 24Page - Texas Instruments TNETE2008 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating junction temperature range (unless otherwise noted)†
Normal power-supply voltage
3.3 V
± 5%
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC voltage range applied to logic outputs
–0.05 V to VDDMAX
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC voltage applied to logic input
3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC differential voltage at receiver pins
±5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 5.25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
0
°C to 95°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal resistance, junction to ambient, RqJA
22
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage values are with respect to GND, and all GND terminals should be routed to minimize inductance to system ground.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3.15
3.3
3.45
V
VCC
JTAG supply voltage (see Note 2)
5
V
VCC
JTAG supply voltage (see Note 2)
3.3
V
VIH
High-level input voltage
2
VDD+0.5
V
VIL
Low-level input voltage (see Note 3)
–0.5
0.8
V
IOH
High-level output current
–4
mA
IOL
Low-level output current
4
mA
IOH
High-level output current LED function terminals
–40
mA
IOL
Low-level output current LED function terminals
40
mA
IOH
High-level output current LED group select terminals
–10
mA
IOL
Low-level output current LED group select terminals
10
mA
NOTES:
2. VCC is selected by JTAG test system interface requirements.
3. The algebraic convention, where the more negative (less positive) limit is designated as a minimum, is used for logic-voltage levels
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com