Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2008 Datasheet(PDF) 26 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TNETE2008 Datasheet HTML 22Page - Texas Instruments TNETE2008 Datasheet HTML 23Page - Texas Instruments TNETE2008 Datasheet HTML 24Page - Texas Instruments TNETE2008 Datasheet HTML 25Page - Texas Instruments TNETE2008 Datasheet HTML 26Page - Texas Instruments TNETE2008 Datasheet HTML 27Page - Texas Instruments TNETE2008 Datasheet HTML 28Page - Texas Instruments TNETE2008 Datasheet HTML 29Page - Texas Instruments TNETE2008 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receive-data timing
The TNETE2008 buffers receive data in an elastic first-in, first-out (FIFO) buffer so that receive data can be
synchronous to the TNETE2008 20-MHz clock.
receive data (see Figure 15)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
td(RDLAT)
Receive-data latency time
1350
1950
2550
ns
2
td(CRS)
Carrier sense assertion delay
125
850
1300
ns
3
td(RDV)
Delay time, from RCVP/RCVN valid to IFRXD valid
1800
2850
3800
ns
4
td(CRSHO)
Delay time, from RCVP/RCVN idle to IFCRS
↓
0
0
450
ns
RCVP/
RCVN
(input)
IFCLK
(output)
IFSYNC
(output)
IFCRS
(output)
IFRXDV
(output)
2
4
3
1
Figure 15. Receive Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com