Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2008 Datasheet(PDF) 16 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TNETE2008 Datasheet HTML 12Page - Texas Instruments TNETE2008 Datasheet HTML 13Page - Texas Instruments TNETE2008 Datasheet HTML 14Page - Texas Instruments TNETE2008 Datasheet HTML 15Page - Texas Instruments TNETE2008 Datasheet HTML 16Page - Texas Instruments TNETE2008 Datasheet HTML 17Page - Texas Instruments TNETE2008 Datasheet HTML 18Page - Texas Instruments TNETE2008 Datasheet HTML 19Page - Texas Instruments TNETE2008 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
bit ordering within nibbles
Normally, network packet data is transferred from the TNETE2008 to the MAC for a particular PHY when, during
its time slot, IFRXDV and IFLINK are both high. There is an opportunity to send other information to the MAC
when either of these two signals is not high. Similarly, the MAC transfers packet information to a particular PHY
in the TNETE2008 when IFLINK and IFTXEN are both high during that PHY’s time slot. There is an opportunity
to send other information to TNETE2008 when either of these two signals is not high.
Currently, the only extended data used in this interface is sending allowed autonegotiating modes to the PHY
channels when IFTXEN and IFLINK are both low, and reporting mode, when autonegotiation is successfully
completed, and when IFLINK and IFRXDV both are low.
Table 1 shows the possible classes of data based on IFLINK and IFTXEN for data to the TNETE2008 from the
MAC, and based on IFLINK and IFRXDV for data from the TNETE2008 to the MAC.
Table 1. Transmit and Receive Data Nibbles
IFLINK
IFTXEN
IFTXD3–IFTXD0
COMMENT
0
0
0000–1111
Extension-specific information
0
1
Reserved
Reserved for future extension
1
0
0000
Normal interframe
1
0
0001–1111
Reserved
1
1
0000–1111
Normal data transmission
IFLINK
IFRXDV
IFRXD3–IFRXD0
COMMENT
0
0
0000–1111
Extension-specific information
0
1
Reserved
Reserved for future extension
1
0
0000
Normal interframe
1
0
0001–1111
Reserved
1
1
0000–1111
Normal data transmission
Figure 7 defines the bits-to-nibble-to-byte ordering and translation used in the multiplexed interface.
D0
D1
D2
D3
D4
D5
D6
D7
LSB D(0)
D(1)
D(2)
MSB D(3)
First Nibble
LSB
MSB
Second Nibble
MAC Serial Bit Stream
First Bit
TNETE2008
Nibble Stream
Figure 7. Data Stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com