Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2008 Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETE2008 Datasheet HTML 3Page - Texas Instruments TNETE2008 Datasheet HTML 4Page - Texas Instruments TNETE2008 Datasheet HTML 5Page - Texas Instruments TNETE2008 Datasheet HTML 6Page - Texas Instruments TNETE2008 Datasheet HTML 7Page - Texas Instruments TNETE2008 Datasheet HTML 8Page - Texas Instruments TNETE2008 Datasheet HTML 9Page - Texas Instruments TNETE2008 Datasheet HTML 10Page - Texas Instruments TNETE2008 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
miscellaneous interface
TERMINAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
AIREF
41
A
Current reference. Used to set a current reference for the analog circuitry. AIREF must be connected
to GND by a 2.5-k
Ω 1% resistor.
ARBIAS
37
A
Bias resistor for the analog circuitry. Connect 7.5-k
Ω 1% resistor between this pin and GND.
ATEST
39
A
Manufacturing test terminal. Leave unconnected.
CLK
43
I
Clock input. CLK connects a 20-MHz clock source to this terminal. The device enters a reset state on
loss of CLK.
LOOPBACK
47
I
Loopback. When low, LOOPBACK enables internal loopback in all eight PHYs. When asserted, data is
internally wrapped within each PHY and does not appear on the network. While in the looped-back state,
all network lines are placed in a noncontentious state.
MLT3BLOCK
69
I
MLT-3 block. Pulling MLT3 BLOCK terminal high enables the MLT-3 detector circuit and prevents the
TNETE2008 from asserting link or carrier sense in the presence of 100BASE-T data. Setting
MLT3BLOCK terminal low disables the MLT-3 detectors on all eight ports for applications that require
this.
RESET
46
I
Global reset. RESET is used to reset all eight PHY sections.
RCVTHRESH
44
I
Receive threshold. RCVTHRESH selects the threshold level of the receiver squelch circuit. For normal
IEEE Std 802.3 operation, this pin should be tied low. Setting RCVTHRESH high slightly lowers the
threshold level, allowing the PHY to receive data over extended lengths of cable for all eight PHYs.
PWRDOWN
45
I
Power down. When asserted, PWRDOWN places all eight PHYs in a low power state. Transmitting and
receiving are inhibited in this state.
† A = analog, I = input
not connected
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
NC
31, 32, 33, 34, 35, 56, 57, 58, 59, 60,
91, 92, 93, 94, 116, 117, 118, 119, 120
No connection. No internal connection for these terminals.
power interface
TERMINAL
TYPE‡
DESCRIPTION
NAME
NO.
TYPE‡
DESCRIPTION
AGND
42
GND
Ground terminal for analog circuitry
AVDD
40
PWR
VDD terminal for analog circuitry. Connect to 3.3 V.
GND
55, 71, 81, 95, 96
GND
Logic ground terminals
RCVGND
109
GND
Ground terminal for receiver circuitry
RCVVDD
112
PWR
VDD terminals for receiver circuitry. Connect to 3.3 V.
XMTGND
3, 4, 7, 8, 11, 12,
15, 16, 19, 20, 23,
24, 27, 28, 36, 115
GND
Ground terminals for transmit circuitry
XMTVDD
38
PWR
VDD terminal for transmit circuitry. Connect to 3.3 V.
VCC
48
PWR
Power. Supply for JTAG port interface. Can be 5 V or 3.3 V, depending on test system interface
requirements.
VDD
50, 65, 76, 86
PWR
Logic VDD terminals. Connect these to 3.3 V.
‡ GND = ground, PWR = power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com