Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2008 Datasheet(PDF) 6 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETE2008 Datasheet HTML 2Page - Texas Instruments TNETE2008 Datasheet HTML 3Page - Texas Instruments TNETE2008 Datasheet HTML 4Page - Texas Instruments TNETE2008 Datasheet HTML 5Page - Texas Instruments TNETE2008 Datasheet HTML 6Page - Texas Instruments TNETE2008 Datasheet HTML 7Page - Texas Instruments TNETE2008 Datasheet HTML 8Page - Texas Instruments TNETE2008 Datasheet HTML 9Page - Texas Instruments TNETE2008 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
JTAG interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
JTCK
53
I
Test clock. JTCK is used to clock state information and test data into and out of the device during operation of
the TAP. This terminal should be pulled up to terminal 48 if the JTAG interface is not used.
JTDI
49
I
Test data input. JTDI is used to serially shift test data and test instructions into the device during operation of the
TAP. This terminal should be pulled up to terminal 48 if the JTAG interface is not used.
JTDO
51
O
Test data output. JTDO is used to serially shift test data and test instructions out of the device during operation
of the TAP.
JTMS
52
I
Test mode select. JTMS controls the operating state of JTAG. This terminal should be pulled up to terminal 48
if the JTAG interface is not used.
JTRST
54
I
Test reset. JTRST is used for asynchronous reset of the JTAG controller. This terminal should be tied to GND
if not used.
LED interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
LACTIVE
67
O
LED activity indicator. LACTIVE indicates that the selected PHY is transmitting or receiving data. This signal
is low for even-numbered (0, 2, 4, 6) ports and high for odd-numbered (1, 3, 5, 7) ports.
LDUPCOL
66
O
LED duplex/collision indicator. This LED status terminal has different meaning when in full- or half-duplex
mode. In full-duplex mode, LDUPCOL is continuously driven active. In half-duplex mode, it is driven active
for 20 ms after a collision. LDUPCOL indicates full-duplex mode and collisions for the currently selected PHY.
This signal is active low for even (0, 2, 4, 6) ports and active high for odd (1, 3, 5, 7) ports.
LLINK
68
O
LED link indicator. LLINK indicates that the selected PHY has established a network link. This signal is low
for even (0, 2, 4, 6) ports and high for odd (1, 3, 5, 7) ports.
LSEL0, 1
64
O
LED select PHY 0, 1. LED select indicator for PHY0 or PHY1, depends on polarity. This signal is high for PHY0
and low for PHY1.
LSEL2, 3
63
O
LED select PHY 2,3. LED select indicator for PHY2 or PHY3, depends on polarity. This signal is high for PHY2
and low for PHY3.
LSEL4, 5
62
O
LED select PHY 4,5. LED select indicator for PHY4 or PHY5, depends on polarity. This signal is high for PHY4
and low for PHY5.
LSEL6, 7
61
O
LED select PHY 6,7. LED select indicator for PHY6 or PHY7, depends on polarity. This signal is high for PHY6
and low for PHY7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com