Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2008 Datasheet(PDF) 10 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TNETE2008 Datasheet HTML 6Page - Texas Instruments TNETE2008 Datasheet HTML 7Page - Texas Instruments TNETE2008 Datasheet HTML 8Page - Texas Instruments TNETE2008 Datasheet HTML 9Page - Texas Instruments TNETE2008 Datasheet HTML 10Page - Texas Instruments TNETE2008 Datasheet HTML 11Page - Texas Instruments TNETE2008 Datasheet HTML 12Page - Texas Instruments TNETE2008 Datasheet HTML 13Page - Texas Instruments TNETE2008 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10BASE-T differential line-transmitter function
Each TNETE2008 differential line driver drives a balanced, properly terminated twisted-pair transmission line
with a nominal characteristic impedance of 100
Ω. In the idle state, the driver maintains a minimum differential
output voltage while staying within the required common-mode voltage range.
The driver incorporates an on-chip wave-shaping and high-frequency filtering stage so the outputs can be
connected directly to isolation transformers through series-termination resistors. No external filters are
required.
After transmission has ceased on a PHY, and for a minimum of 250 ns, the driver maintains full differential
outputs, which thereafter begin to decay to the minimum differential level.
Each PHY also transmits regular link pulses in compliance with IEEE Std 802.3.
In half-duplex mode, interface carrier sense (IFCRS) asserts during transmits.
10BASE-T differential line-receiver function
The line-receiver terminals of each PHY must be connected to a properly terminated transmission line via an
external isolation transformer. The receiver establishes its own common-mode input-bias voltage. Data
received from the network is output on the IFRXD terminals of the interface.
The receiver incorporates an intelligent squelch function that allows incoming data to pass only if the input
amplitude is greater than a minimum signal threshold and a specific pulse sequence is received. This protects
against impulse line noise being mistaken for signal or line activity. The squelch circuits quickly deactivate if
received pulses fall outside the specifications. Over-long pulses are not mistaken as link pulses.
There are two choices for signal thresholds via the RCVTHRESH terminal. Selecting the lower squelch value
(selected by pulling RCVTHRESH high) may operate over longer cables but does not meet IEEE minimum
squelch levels. For this reason, it is recommended that this terminal be tied low. Each channel’s squelch circuit
contains an MLT-3 (100BASE-T data format) detector, which, when enabled via MLT3BLOCK pulled high,
prevents the receiver from opening the squelch when MLT-3 data is present.
IFCRS is asserted while the squelch function is active to indicate that the circuit is allowing data to pass from
the twisted pair. IFCRS is deasserted when the squelch circuit is disabling data flow, although the receive elastic
buffer still may be outputting data.
jabber detection
Each PHY monitors the length of the packet being transmitted. If a single packet exceeds 24 ms, then a jabber
condition is flagged. The output is disabled, the IFCOL (collision) signal is asserted, and the IFCRS signal is
deasserted. To clear the jabber function, it is necessary to cease transmission for a minimum of 400 ms.
link test
When not in autonegotiation mode, each PHY transmits link pulses on the XMTP/XMTN outputs, separated by
an interval of 19 ms.
The receiver looks for valid link pulses on the input pair. If a link pulse is not received within a given time
interval,
≅ 100 ms, then the PHY enters a link-fail state. In this state, link pulses continue to be generated, and
the receiver constantly looks for the link-pulse pattern. The PHY remains in this state until a valid receive packet
or multiple legal link test pulses are received. When link pulses are not detected, the IFLINK signal is deasserted
and transmission of data is inhibited. Also, an activated enabled MLT-3 decoder inhibits the receive function for
MLT-3 encoded data and can, therefore, prevent assertion of IFLINK or, if already asserted, cause deassertion
of IFLINK if the MLT-3 encoded data persists for longer than 100 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com