Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2008 Datasheet(PDF) 3 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 3 Page - Texas Instruments

  TNETE2008 Datasheet HTML 1Page - Texas Instruments TNETE2008 Datasheet HTML 2Page - Texas Instruments TNETE2008 Datasheet HTML 3Page - Texas Instruments TNETE2008 Datasheet HTML 4Page - Texas Instruments TNETE2008 Datasheet HTML 5Page - Texas Instruments TNETE2008 Datasheet HTML 6Page - Texas Instruments TNETE2008 Datasheet HTML 7Page - Texas Instruments TNETE2008 Datasheet HTML 8Page - Texas Instruments TNETE2008 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
IFFORCEHD
RCVN0
RCVP0
XMTN0
XMTP0
RCVN1
RCVP1
XMTN1
XMTP1
RCVN2
RCVP2
XMTN2
XMTP2
RCVN3
RCVP3
XMTN3
XMTP3
RCVN4
RCVP4
XMTN4
XMTP4
RCVN5
RCVP5
XMTN5
XMTP5
RCVN6
RCVP6
XMTN6
XMTP6
RCVN7
RCVP7
XMTP7
XMTN7
RCVGND
RJ45C
IFRXDV
IFRXD0
IFRXD1
IFRXD2
IFRXD3
IFSYNC
IFCLK
IFTXD0
IFTXD1
IFTXD2
IFTXD3
IFTXEN
IFCRS
IFLINK
IFDUPLEX
MLT3BLOCK
XMTGND (X16)
GND
CLK
ARBIAS
AIREF
IFCOL
Bel S553–5999–XX Quad
or Equivalent
RCVGND
RJ45C
50
Ω
RCVGND
RJ45C
RCVGND
RJ45C
RCVGND
RJ45C
RCVGND
RJ45C
RCVGND
RJ45C
RCVGND
RJ45C
RCVTHRESH
3.3 V
RCVGND, AGND
TNETX3110,
TNETX3151,
TNETX3190,
TNETX3270
or
Compatible
Ethernet
Controller
20-MHz
Oscillator
Module
Bel S553–5999–XX Quad
or Equivalent
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
PWRDOWN
LOOPBACK
RCVVDD, AVDD, XMTVDD
VDD (X4)
10
µF
0.1
µF
10
µF
0.1
µF
10 K
Ω
10 K
Ω
10 K
Ω
7.5 K
Ω 1%
2.5 K
Ω 1%
50
Ω
50
Ω
50
Ω
0.1
µF
50
Ω
50
Ω
50
Ω
50
Ω
0.1
µF
50
Ω
50
Ω
50
Ω
50
Ω
0.1
µF
50
Ω
50
Ω
50
Ω
50
Ω
0.1
µF
50
Ω
50
Ω
50
Ω
50
Ω
0.1
µF
50
Ω
50
Ω
50
Ω
50
Ω
0.1
µF
50
Ω
50
Ω
50
Ω
50
Ω
0.1
µF
50
Ω
50
Ω
50
Ω
50
Ω
0.1
µF
GND (X4)
Figure 2. External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com