Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2008 Datasheet(PDF) 22 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TNETE2008 Datasheet HTML 18Page - Texas Instruments TNETE2008 Datasheet HTML 19Page - Texas Instruments TNETE2008 Datasheet HTML 20Page - Texas Instruments TNETE2008 Datasheet HTML 21Page - Texas Instruments TNETE2008 Datasheet HTML 22Page - Texas Instruments TNETE2008 Datasheet HTML 23Page - Texas Instruments TNETE2008 Datasheet HTML 24Page - Texas Instruments TNETE2008 Datasheet HTML 25Page - Texas Instruments TNETE2008 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = MAX
2.4
V
VOL
Low-level output voltage
IOL = MAX
0.5
V
IOZ
High-impedance current
±10
µA
IIH
High-level output current
VIN = MAX
±10
µA
IIL
Low-level output current
VIN = GND
±10
µA
IDD
Supply current
VDD = MAX
See Note 4
110
125
mA
IDD
Supply current
VDD = MAX
See Note 5
220
280
mA
Cdin
Digital inputs
1.5
pF
Cdout
Digital outputs
1
pF
Clsel
LED select outputs (LSELxx)
3.5
pF
Clstat
LED status outputs
10
pF
Cjin
JTAG inputs
2.5
pF
Cjout
JTAG outputs
3
pF
NOTES:
4. Full-duplex mode, while transmitting and receiving maximum data packet size with correct line termination and minimum interframe
gaps. This is a per-port value.
5. Full-duplex mode, valid link on all PHYs, and no data activity. This is total device value.
oscillator requirements
MIN
NOM
MAX
UNIT
CLK frequency
20
MHz
CLK frequency error
–100
100
ppm
CLK duty cycle
40
60
%
VOH
2
VDD
V
Trise, Tfall (see Note 6)
6
ns
NOTE 6: Measured at 10%–90% transistion low-to-high or high-to-low points
operating characteristics over recommended operating conditions
clock sync delay (see Figure 10)
NO.
PARAMETER
MIN
MAX
UNIT
1
td(IFSYNC)
Delay time from IFCLK
↑ to IFSYNC state change
–2
10
ns
1
IFCLK
(output)
IFSYNC
(output)
1
Figure 10. Clock Sync Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com