Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2008 Datasheet(PDF) 5 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 5 Page - Texas Instruments

  TNETE2008 Datasheet HTML 1Page - Texas Instruments TNETE2008 Datasheet HTML 2Page - Texas Instruments TNETE2008 Datasheet HTML 3Page - Texas Instruments TNETE2008 Datasheet HTML 4Page - Texas Instruments TNETE2008 Datasheet HTML 5Page - Texas Instruments TNETE2008 Datasheet HTML 6Page - Texas Instruments TNETE2008 Datasheet HTML 7Page - Texas Instruments TNETE2008 Datasheet HTML 8Page - Texas Instruments TNETE2008 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
controller interface – this block of signals is defined for each channel during its time slot (see
Figure 6)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
IFCLK
80
O
Interface clock. All ports handled by the interface use the same clock. The clock frequency is 20 MHz.
IFCOL
79
O
Collision. When asserted, IFCOL indicates a network collision on the current port.
IFCRS
78
O
Carrier sense. IFCRS indicates a frame carrier signal is being received on the current port. It asserts for
transmissions in half-duplex mode.
IFDUPLEX
83
O
Duplex mode. If IFDUPLEX is low, then the current port is in half duplex, otherwise it is full duplex. If the
IFFORCEHD signal is low, then IFDUPLEX also is low.
IFFORCEHD
90
I
Force half duplex. This terminal has two functions:
The first function concerns the values advertised during autonegotiation of link. If IFFORCEHD is low when
a channel latches in the control information about which modes it can advertise during autonegotiation (see
Figure 9), this channel is forced to half duplex. Values delivered on IFTXD0–IFTXD3 are overridden. If this
terminal is high at latch time, the modes are set by the values passed on IFTXD0–IFTXD3 during the period
before commencement of fast link pulse (FLP) exchange for this channel.
The second function is the ability of the terminal to drive link invalid for this channel during its time slot and
restart link validation. Link is driven invalid and reestablishing link starts when IFFORCEHD transitions from
one to zero or from zero to one; that is, any edge on IFFORCEHD drives link invalid and starts the process
of reestablishing link. Multiple edges in this signal before link is established force multiple restarts of the
linking process shown in Figure 9.
IFLINK
70
O
Interface link. IFLINK indicates the presence of port connection on the current port. Low is no link and high
is link made.
IFRXD3†
IFRXD2
IFRXD1
IFRXD0
72
73
74
75
O
Receive data. Receive data bits 3–0 from current port when IFRXDV is asserted. Receive data is clocked
out on falling edge of IFCLK.
IFSYNC
82
O
Interface sync. When IFSYNC is 1, the current port for MAC to TNETE2008 transfers is port 0. This signal
has a period of 400 ns and a duty cycle of 1:8. The port number for TNETE2008
→ MAC data is always two
slots ahead and is port 2 when IFSYNC is high. IFSYNC is sampled by the MAC on the falling edge of IFCLK.
IFTXD3†
IFTXD2
IFTXD1
IFTXD0
85
87
88
89
I
Transmit data bit. Transmit data bits 3–0 for the current port when IFTXEN is asserted. Data should change
on the rising edge of IFCLK to be clocked into the TNETE2008 on the following rising edge of IFCLK.
IFTXEN
84
I
Transmit enable. IFTXEN indicates that valid transmit data is on IFTXD0–IFTXD3.
IFRXDV
77
O
Receive data valid. This signal indicates the IFXRD0–IFXRD3 contain valid data.
† Most significant bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com