Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2008 Datasheet(PDF) 23 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TNETE2008 Datasheet HTML 19Page - Texas Instruments TNETE2008 Datasheet HTML 20Page - Texas Instruments TNETE2008 Datasheet HTML 21Page - Texas Instruments TNETE2008 Datasheet HTML 22Page - Texas Instruments TNETE2008 Datasheet HTML 23Page - Texas Instruments TNETE2008 Datasheet HTML 24Page - Texas Instruments TNETE2008 Datasheet HTML 25Page - Texas Instruments TNETE2008 Datasheet HTML 26Page - Texas Instruments TNETE2008 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
clock limits (see Figure 11)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
tc(IFCLK)
Cycle time
50
ns
2
tw(IFCLK)
Pulse width high
22.5
27.5
ns
3
tw(IFCLK)
Pulse width low
22.5
27.5
ns
4
tr(IFCLK)
Rise time (see Note 7)
2
ns
5
tf(IFCLK)
Fall time (see Note 7)
2
ns
NOTE 7: Measured between 10% and 90% levels of IFCLK amplitude
IFCLK
(output)
1
4
5
2
3
Figure 11. Clock Limits
receive output interface (see Figure 12)
NO.
PARAMETER
MIN
MAX
UNIT
2
td(IFCOL)
Delay time, from IFCLK
↓ to IFCOL valid (see Note 8)
–2
10
ns
2
td(IFCRS)
Delay time, from IFCLK
↓ to IFCRS valid (see Note 9)
–2
10
ns
2
td(IFLINK)
Delay time, from IFCLK
↓ to IFLINK valid
–2
10
ns
2
td(IFRXD)
Delay time, from IFCLK
↓ to IFRXD valid (see Note 10)
–2
10
ns
2
td(IFRXDV)
Delay time, from IFCLK
↓ to IFRXDV invalid (see Note 11)
–2
10
ns
2
td(IFDUPLEX) Delay time, from IFCLK↓ to IFDUPLEX valid
–2
10
ns
NOTES:
8. For IFRX data, the TNETE2008 asserts IFCOL during the appropriate time slot if there was a collision event during previous time
slot.
9. For IFRX data, the TNETE2008 asserts IFCRS during the appropriate time slot if carrier was detected during previous time slot.
10. The TNETE2008 does not echo transmit data back on the IFRXD3–IFRXD0 terminals during normal operations.
11. The TNETE2008 asserts IFRXDV for IFRX data if there are four valid bits of data in the nibble. Dribble bits at the end of the frame
are discarded.
Valid
2
IFCLK
(output)
IFCOL
IFCRS
IFLINK
IFRXD3–IFRXD0
IFRXDV
IFDUPLEX
(outputs)
2
Figure 12. Multiplexed Receive Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com