Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2008 Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 1 Page - Texas Instruments

  TNETE2008 Datasheet HTML 1Page - Texas Instruments TNETE2008 Datasheet HTML 2Page - Texas Instruments TNETE2008 Datasheet HTML 3Page - Texas Instruments TNETE2008 Datasheet HTML 4Page - Texas Instruments TNETE2008 Datasheet HTML 5Page - Texas Instruments TNETE2008 Datasheet HTML 6Page - Texas Instruments TNETE2008 Datasheet HTML 7Page - Texas Instruments TNETE2008 Datasheet HTML 8Page - Texas Instruments TNETE2008 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single-Chip With Eight Physical-Layer
(PHY) Interfaces for Internetworking
Applications
D Each PHY Is Full-Duplex Capable for
Simultaneous Transmit and Receive
D Compliant With IEEE Std 802.3 10BASE-T
Specification
D Integrated Filters on Both Receive and
Transmit Circuits
– No External Filters Are Required
– Meets IEEE Std 802.3 (Section 14.3)
Electrical Requirements
D Implements IEEE Std 802.3 Autonegotiation
to Establish the Highest Common Protocol
D Electrostatic Discharge (ESD) Human Body
Model (HBM) Protection 1.5 kV Per JEDEC
JESD22-A114A
D Digital Signal Processor (DSP)-Based
Digital Phase-Locked Loop (PLL)
D Loopback Mode for Test Operations
D Integrated Manchester Encoding/Decoding
D Receive-Clock Regeneration for All Input
Channels Using Digital PLL
D FIFOs Accommodate 8x IEEE Limit on
Per-Channel-Pair Frequency Mismatch
Across All Eight Channels (IEEE Std 802.3,
Sec 7.3.2)
D Intelligent Squelch With Selectable
Threshold
D Link-Pulse Detection and Autonegotiation
D Intelligent Rejection of MLT-3 Encoded Data
D Transmit Pulse Shaping Reduces
Electromagnetic Interference (EMI)
D Clock Synchronization Between Channels
D Collision Detection
D Built-In Jabber Detection
D Automatic Reversed-Polarity Detection and
Correction
D Sufficient Current Drive to Directly Connect
LED Status Indicators
D CMOS Technology Enables Low Power
Consumption
D 3.3-V Operation
D IEEE Std 1149.1 (JTAG)† Test-Access Port
(TAP)
D Direct Drive to Network Coupling
Magnetics
D Packaged in 120-Pin Plastic Quad Flatpack
(PQFP)
description
The TNETE2008 OctalPHY is a physical-layer (PHY) interface device for up to eight 10BASE-T networks using
a multiplexed medium access controller (MAC) interface compatible with TNETX3110, TNETX3151,
TNETX3190, or TNETX3270 switch devices, or equivalent. A digital-signal-processor (DSP)-based
phase-locked loop (PLL) is used on each channel to recover data. Integrated wave shaping of the output
eliminates the need for filters to meet electromagnetic interference (EMI) testing. DSP-based wave-shaping
techniques used internally reduce the required number of external components to a coupling transformer, four
resistors, and a capacitor per channel. The multiplexed host interface reduces the number of terminals required
to connect eight networks to eight MAC engines, allowing the use of a single package.
The TNETE2008 operation is fully automatic. It can be taken from reset to full operation without parameter
downloads or interaction with a host central processing unit (CPU). Some mode terminals affect all of the ports,
such as looping back transmit data to the receive path, powering down the PHY, and setting the receiver
threshold. There are no management interfaces or internal registers on this device. A directly driven LED matrix
provides Ethernet
™ status indicators, i.e., link, activity, collision, and duplex. The TNETE2008 produces and
receives IEEE Std 802.3-compliant waveforms when coupled to the network with a suitable transformer. The
TNETE2008 also incorporates a JTAG-compliant test port.
Copyright
© 1998, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
† IEEE Std 1149.1-1990, IEEE Standard Test-Access Port and Boundary-Scan Architecture
Ethernet is a trademark of Xerox Corporation.


Similar Part No. - TNETE2008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2004 TI-TNETE2004 Datasheet
723Kb / 46P
MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
TNETE2004 TI1-TNETE2004 Datasheet
752Kb / 47P
MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
logo
Pulse A Technitrol Comp...
TNETE2004 PULSE-TNETE2004 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Texas Instruments
TNETE2004PAC TI-TNETE2004PAC Datasheet
723Kb / 46P
MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
TNETE2004PAC TI1-TNETE2004PAC Datasheet
752Kb / 47P
MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
More results

Similar Description - TNETE2008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2004 TI-TNETE2004 Datasheet
723Kb / 46P
MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
10Base-T/100Base-TX Physical Layer Transceiver
logo
Texas Instruments
TNETE2004 TI1-TNETE2004_09 Datasheet
752Kb / 47P
MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
logo
Micrel Semiconductor
KSZ8051MNLV MICREL-KSZ8051MNLV Datasheet
1Mb / 66P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLU MICREL-KSZ8051MNLU Datasheet
1Mb / 65P
10Base-T/100Base-TX Physical Layer Transceiver
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
KSZ8081MNX MICROCHIP-KSZ8081MNX Datasheet
1Mb / 66P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
KSZ8061RNB MICROCHIP-KSZ8061RNB Datasheet
585Kb / 57P
10BASE-T/100BASE-TX Physical Layer Transceiver
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com