Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETE2008 Datasheet(PDF) 13 Page - Texas Instruments

Part # TNETE2008
Description  OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2008 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TNETE2008 Datasheet HTML 9Page - Texas Instruments TNETE2008 Datasheet HTML 10Page - Texas Instruments TNETE2008 Datasheet HTML 11Page - Texas Instruments TNETE2008 Datasheet HTML 12Page - Texas Instruments TNETE2008 Datasheet HTML 13Page - Texas Instruments TNETE2008 Datasheet HTML 14Page - Texas Instruments TNETE2008 Datasheet HTML 15Page - Texas Instruments TNETE2008 Datasheet HTML 16Page - Texas Instruments TNETE2008 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TNETE2008
OctalPHY
EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS042B – DECEMBER 1997 – REVISED JUNE 1998
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
LED control signals
LACTVE, LLINK, and LDUPCOL
Outputs are each capable of sourcing and sinking up to 40 mA; active
low for even, active high for odd-numbered channels.
LSEL0–LSEL7
Outputs each source/sink 10 mA; active low for odd, active high for
even-numbered channels.
When RESET is active (low), all LEDs are illuminated during their time slot as a lamp test feature, regardless
of the state of the corresponding status signal. CLK input must be driven with a valid clock for this to occur.
JTAG test access port
Compliant with IEEE Std 1149.1, the TAP is composed of five terminals. These terminals interface serially with
the device and the board on which it is installed for boundary-scan testing. The TNETE2008 implements the
following JTAG instructions:
INSTRUCTION
TYPE
NAME
JTAG
OPCODE
ACTION
Mandatory
EXTEST
0000
External boundary-scan test
Mandatory
SAMPLE/PRELOAD
0001
Initialization for boundary-scan test
Optional
IDCODE
0100
Scans out TNETE2008 identification code
Optional
HIGHZ
0011
Sets all digital output pins on TNETE2008 to high impedance
Mandatory
BYPASS
1111
Connects 1-bit bypass register between TDI and TDO
The IDCODE for the TNETE2008 is:
CODE
VARIANT
PART NUMBER
MANUFACTURER
LEAST
SIGNIFICANT
BYTE
Binary
0000b
0000000001010000
000 0001 0111b
1b
The JTAG terminals do not have internal pullup resistors, so, to comply fully with IEEE Std 1149.11, external
resistors must be connected to JTMS, JTCLK, JTDI, and JTRST. All other JTAG opcodes are reserved for
manufacturing test and should not be used.
global reset logic
At initial power up, the TNETE2008 performs an internal reset. No external reset circuitry is required. However,
operation of the TNETE2008 is not specified for 50 ms after power up.
During operation, a full reset of the device can be performed by taking RESET low for not less than 50
µs.
Operation of the device is not ensured for 5 ms after reset ends.
The device resets itself if CLK is lost for any reason. CLK loss is detected in 200
µs.
Data is not valid on the multiplexed MAC interface until normal operation resumes, after any reset, and then
after two complete IFSYNC cycles have passed.
All signals in the multiplexed MAC interface are driven to 0 during reset, except for IFSYNC, which is driven to 1
during reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com