Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912GEFL/V Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
53
DC SERVO READBACK
The current DC offset value for each Line and Headphone output channel can be read in two’s
complement format from the DCS_DAC_WR_VAL_n [7:0] bit fields in Registers R73, R74, R75 and
R76. Note that these values may form the basis of settings that are subsequently used by the DC
Servo in DAC Write mode.
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting DAC data to the WM8912. The digital audio interface
uses three pins:
•
DACDAT: DAC data input
•
LRCLK: Left/Right data alignment clock
•
BCLK: Bit clock, for synchronisation
The clock signals BCLK and LRCLK can be outputs when the WM8912 operates as a master, or
inputs when it is a slave (see “Master and Slave Mode Operation”, below).
Four different audio data formats are supported:
•
Left justified
•
Right justified
•
I2S
•
DSP mode
All four of these modes are MSB first. They are described in “Audio Data Formats (Normal Mode)”,
below. Refer to the “Signal Timing Requirements” section for timing information.
Time Division Multiplexing (TDM) is available in all four data format modes. The WM8912 can be
programmed to receive data in one of two time slots.
PCM operation is supported using the DSP mode.
MASTER AND SLAVE MODE OPERATION
The WM8912 digital audio interface can operate in master or slave mode, as shown in Figure 25 and
Figure 26.
Figure 25 Master Mode
Figure 26 Slave Mode
In master mode, BCLK is derived from SYSCLK via a programmable division set by BCLK_DIV.
In master mode, LRCLK is derived from BCLK via a programmable division set by LRCLK_RATE.
The BCLK input to this divider may be internal or external, allowing mixed master and slave modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com