Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912GEFL/V Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
65
Figure 44 Clocking Scheme
SYSCLK CONTROL
The SYSCLK_SRC bit is used to select the source for SYSCLK. The source may be either the
selected MCLK source or the FLL output. The MCLK source can be inverted or non-inverted, as
selected by the MCLK_INV bit. The selected source may also be adjusted by the MCLK_DIV divider
to generate SYSCLK. These register fields are described in Table 39. See “Frequency Locked Loop
(FLL)” for more details of the Frequency Locked Loop clock generator.
The SYSCLK signal is enabled by register bit CLK_SYS_ENA. This bit should be set to 0 when
reconfiguring clock sources. It is not recommended to change SYSCLK_SRC while the
CLK_SYS_ENA bit is set.
The following operating frequency limits must be observed when configuring SYSCLK. Failure to
observe these limits will result in degraded noise performance and/or incorrect DAC functionality.
SYSCLK
≥ 3MHz
If DAC_OSR128 = 1 then SYSCLK
≥ 6MHz
If DAC_MONO = 1, then SYSCLK
≥ 64 x fs
If DAC_MONO = 0, then SYSCLK
≥ 128 x fs
Note that DAC Mono mode (DAC_MONO = 1) is only valid when one or other DAC is disabled. If
both DACs are enabled, then the minimum SYSCLK for clocking the DACs is 128 x fs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com