Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912GEFL/V Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
57
Figure 35 DSP Mode Audio Interface (mode A, AIF_LRCLK_INV=0, Slave)
Figure 36 DSP Mode Audio Interface (mode B, AIF_LRCLK_INV=1, Slave)
PCM operation is supported in DSP interface mode. Mono PCM data received by the WM8912 will
be treated as Left Channel data. This data may be routed to the Left/Right DACs as described in the
“Digital Mixing” section.
AUDIO DATA FORMATS (TDM MODE)
TDM is supported in master and slave mode and is enabled by the AIFDAC_TDM register bit. All
audio interface data formats support time division multiplexing (TDM) for DAC data.
Two time slots are available (Slot 0 and Slot 1), selected by the AIFDAC_TDM_CHAN register bit.
When TDM is enabled, BCLK frequency must be high enough to allow data from both time slots to
be transferred. The relative timing of Slot 0 and Slot 1 depends upon the selected data format as
shown in Figure 37 to Figure 41.
Figure 37 TDM in Right-Justified Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com