Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912GEFL/V Datasheet(PDF) 87 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 87 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
87
Index addresses 0 to 24 may be programmed to users’ own settings at any time, as described in
“Programming a Sequence”. Users’ own settings remain in memory and are not affected by software
resets (i.e. writing to Register R0). However, any non-default sequences are lost when the device is
powered down.
START-UP SEQUENCE
The Start-up sequence is initiated by writing 0100h to Register R111 (6Fh). This single operation
starts the Control Write Sequencer at Index Address 0 (00h) and executes the sequence defined in
Table 59.
For typical clocking configurations with MCLK=12.288MHz, this sequence takes approximately
300ms to run.
Note that, for fast startup, step 18 may be overwritten with dummy data in order to achieve startup
within 50ms (see “Quick Start-Up and Shutdown”).
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
0 (00h)
R4 (04h)
5 bits
Bit 0
1Ah
0h
0b
BIAS_ENA = 0
(delay = 0.5625ms)
1 (01h)
R5 (05h)
8 bits
Bit 0
47h
6h
0b
VMID_RES [1:0] = 11b
VMID_ENA = 1
(delay = 4.5ms)
2 (02h)
R5 (05h)
2 bits
Bit 1
01h
0h
0b
VMID_RES [1:0] = 01b
(delay = 0.5625ms)
3 (03h)
R4 (04h)
1 bit
Bit 0
01h
0h
0b
BIAS_ENA = 1
(delay = 0.5625ms)
4 (04h)
R14 (0Eh)
2 bits
Bit 0
03h
0h
0b
HPL_PGA_ENA = 1
HPR_PGA_ENA = 1
(delay = 0.5625ms)
5 (05h)
R15 (0Fh)
2 bits
Bit 0
03h
0h
0b
LINEOUTL_PGA_ENA = 1
LINEOUTR_PGA_ENA = 1
(delay = 0.5625ms)
6 (06h)
R22 (16h)
1 bit
Bit 1
01h
0h
0b
CLK_DSP_ENA = 1
(delay = 0.5625ms)
7 (07h)
R18 (12h)
2 bits
Bit 2
03h
5h
0b
DACL_ENA = 1
DACR_ENA = 1
(delay = 2.5ms)
8 (08h)
R255 (FFh)
1 bit
Bit 0
00h
0h
0b
Dummy Write for expansion
(delay = 0.5625ms)
9 (09h)
R4 (04h)
1 bit
Bit 4
00h
0h
0b
(delay = 0.5625ms)
10 (0Ah)
R98 (62h)
1 bit
Bit 0
01h
6h
0b
CP_ENA = 1
(delay = 4.5ms)
11 (0Bh)
R255 (FFh)
1 bit
Bit 0
00h
0h
0b
Dummy Write for expansion
(delay = 0.5625ms)
12 (0Ch)
R90 (5Ah)
8 bits
Bit 0
11h
0h
0b
HPL_ENA = 1
HPR_ENA = 1
(delay = 0.5625ms)
13 (0Dh)
R94 (5Eh)
8 bits
Bit 0
11h
0h
0b
LINEOUTL_ENA = 1
LINEOUTR_ENA = 1
(delay = 0.5625ms)
14 (0Eh)
R90 (5Ah)
8 bits
Bit 0
33h
0h
0b
HPL_ENA_DLY = 1
HPR_ENA_DLY = 1
(delay = 0.5625ms)
15 (0Fh)
R94 (5Eh)
8 bits
Bit 0
33h
0h
0b
LINEOUTL_ENA_DLY = 1
LINEOUTR_ENA_DLY = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com