Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912GEFL/V Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
25
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11:8
DRC_DCY [3:0]
0010
Gain decay rate (seconds/6dB)
0000 = 186ms
0001 = 372ms
0010 = 743ms (default)
0011 = 1.49s
0100 = 2.97s
0101 = 5.94s
0110 = 11.89s
0111 = 23.78s
1000 = 47.56s
1001-1111 = Reserved
Table 4 DRC Attack and Decay Rates
Note:
For detailed information about DRC attack and decay rates, please see Wolfson application note
WAN0247.
ANTI-CLIP CONTROL
The DRC includes an Anti-Clip feature to avoid signal clipping when the input amplitude rises very
quickly. This feature uses a feed-forward technique for early detection of a rising signal level. Signal
clipping is avoided by dynamically increasing the gain attack rate when required. The Anti-Clip
feature is enabled using the DRC_ANTICLIP bit.
Note that the feed-forward processing increases the latency in the input signal path. For low-latency
applications (e.g. telephony), it may be desirable to reduce the delay, although this will also reduce
the effectiveness of the anti-clip feature. The latency is determined by the DRC_FF_DELAY bit. If
necessary, the latency can be minimised by disabling the anti-clip feature altogether.
The DRC Anti-Clip control bits are described in Table 5.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
DRC Control 0
5
DRC_FF_DELAY
1
Feed-forward delay for anti-clip
feature
0 = 5 samples
1 = 9 samples
Time delay can be calculated as
5/fs or 9/ fs, where fs is the sample
rate.
1
DRC_ANTICLIP
1
Anti-clip enable
0 = disabled
1 = enabled
Table 5 DRC Anti-Clip Control
Note that the Anti-Clip feature operates entirely in the digital domain. It cannot be used to prevent
signal clipping in the analogue domain nor in the source signal. Analogue clipping can only be
prevented by reducing the analogue signal gain or by adjusting the source signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com