Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912GEFL/V Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
75
GPIO OUTPUTS FROM FLL
The WM8912 has an internal signal which indicates whether the FLL Lock has been achieved. The
FLL Lock status is an input to the Interrupt control circuit and can be used to trigger an Interrupt
event - see “Interrupts”.
The FLL Lock signal can be output directly on a GPIO pin as an external indication of FLL Lock. See
“General Purpose Input/Output (GPIO)” for details of how to configure a GPIO pin to output the FLL
Lock signal.
The FLL Clock can be output directly on a GPIO pin as a clock signal for other circuits. Note that the
FLL Clock may be output even if the FLL is not selected as the WM8912 SYSCLK source. The
clocking configuration is illustrated in Figure 44. See “General Purpose Input/Output (GPIO)” for
details of how to configure a GPIO pin to output the FLL Clock.
EXAMPLE FLL SETTINGS
Table 50 provides example FLL settings for generating common SYSCLK frequencies from a variety
of low and high frequency reference inputs.
FREF
FOUT
FLL_CLK_
REF_DIV
FVCO
FLL_N
FLL_K
FLL_
FRATIO
FLL_
OUTDIV
FLL_
FRACN
_ENA
32.768
kHz
12.288
MHz
Divide by 1
(0h)
98.304
MHz
187
(0BBh)
0.5
(8000h)
16
(4h)
8
(7h)
1
32.768
kHz
11.288576
MHz
Divide by 1
(0h)
90.308608
MHz
344
(158h)
0.5
(8000h)
8
(3h)
8
(7h)
1
32.768
kHz
11.2896
MHz
Divide by 1
(0h)
90.3168
MHz
344
(158h)
0.53125
(8800h)
8
(3h)
8
(7h)
1
48
kHz
12.288
MHz
Divide by 1
(0h)
98.304
MHz
256
(100h)
0
(0000h)
8
(3h)
8
(7h)
0
12.000
MHz
12.288
MHz
Divide by 1
(0h)
98.3040
MHz
8
(008h)
0.192
(3127h)
1
(0h)
8
(7h)
1
12.000
MHz
11.289597
MHz
Divide by 1
(0h)
90.3168
MHz
7
(007h)
0.526398
(86C2h)
1
(0h)
8
(7h)
1
12.288
MHz
12.288
MHz
Divide by 1
(0h)
98.304
MHz
8
(008h)
0
(0000h)
1
(0h)
8
(7h)
0
12.288
MHz
11.2896
MHz
Divide by 1
(0h)
90.3168
MHz
7
(007h)
0.35
(599Ah)
1
(0h)
8
(7h)
1
13.000
MHz
12.287990
MHz
Divide by 1
(0h)
98.3040
MHz
7
(007h)
0.56184
(8FD5h)
1
(0h)
8
(7h)
1
13.000
MHz
11.289606
MHz
Divide by 1
(0h)
90.3168
MHz
6
(006h)
0.94745
(F28Ch)
1
(0h)
8
(7h)
1
19.200
MHz
12.287988
MHz
Divide by 2
(1h)
98.3039
MHz
5
(005h)
0.119995
(1EB8h)
1
(0h)
8
(7h)
1
19.200
MHz
11.289588
MHz
Divide by 2
(1h)
90.3168
MHz
4
(004h)
0.703995
(B439h)
1
(0h)
8
(7h)
1
Table 50 Example FLL Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com