Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912GEFL/V Datasheet(PDF) 92 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 92 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
92
REGISTER
ADDRESS
VALUE
DESCRIPTION
R108 (6Ch)
Write Sequencer 0
0100h
WSEQ_ENA = 1
WSEQ_WRITE_INDEX = 0_0000
R111 (6Fh)
Write Sequencer 3
0100h
WSEQ_ABORT = 0
WSEQ_START = 1
WSEQ_START_INDEX = 0_0000
R33 (21h)
DAC Digital 1
0000h
DAC_MONO = 0
DAC_SB_FILT = 0
DAC_MUTERATE = 0
DAC_UNMUTE_RAMP = 0
DAC_OSR128 = 0
DAC_MUTE = 0
DEEMPH = 00
Table 62 Quick Start-up Control
The WSEQ_BUSY bit (in Register R112, see Table 56) will be set to 1 while the sequence runs.
When this bit returns to 0, the device has been set up and is ready for DAC playback operation.
FAST START-UP FROM STANDBY
The default start-up sequence runs the DC Servo to remove DC offsets from the outputs. The offset
for this path selection is then stored in memory. Provided that power is maintained to the chip, and a
software reset is not performed, then the DC offset correction will be held in memory on the
WM8912. This allows the DC Servo calibrations to be omitted from the start-up sequence if the offset
correction has already been performed. By omitting this part of the start-up sequence, a fast start-up
time of less than 50ms can be achieved.
The register write sequence described in Table 63 replaces the default DC Servo operation with
dummy operations, allowing a fast start-up to be achieved, assuming the device is initially in a
standby condition with DC offset correction previously performed.
Note that, if power is removed from the WM8912 or if a software reset is performed, then the default
sequence will be restored, and the DC offset correction will be necessary on the output paths once
more.
REGISTER
ADDRESS
VALUE
DESCRIPTION
R108 (6Ch)
Write Sequencer 0
0111h
WSEQ_ENA = 1
WSEQ_WRITE_INDEX = 1_0001
R109 (6Dh)
Write Sequencer 1
00FFh
WSEQ_DATA_WIDTH = 000
WSEQ_DATA_START = 0000
WSEQ_ADDR = 1111_1111
R110 (6Eh)
Write Sequencer 2
0000h
WSEQ_EOS = 0
WSEQ_DELAY = 0000
WSEQ_DATA = 0000_0000
R111 (6Fh)
Write Sequencer 3
0100h
WSEQ_ABORT = 0
WSEQ_START = 1
WSEQ_START_INDEX = 00_0000
R33 (21h)
DAC Digital 1
0000h
DAC_MONO = 0
DAC_SB_FILT = 0
DAC_MUTERATE = 0
DAC_UNMUTE_RAMP = 0
DAC_OSR128 = 0
DAC_MUTE = 0
DEEMPH = 00
Table 63 Fast Start-up from Standby Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com