Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912GEFL/V Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
97
REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R0 (00h)
SW Reset
and ID
15:0
SW_RST_DEV
_ID1 [15:0]
1000_1001
_0000_010
0
Writing to this register resets all registers to their
default state.
Reading from this register will indicate Device ID
8904h.
Register 00h SW Reset and ID
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R4 (04h)
Bias Control
0
0
BIAS_ENA
0
Enables the Normal bias current generator (for all
analogue functions)
0 = Disabled
1 = Enabled
Register 04h Bias Control 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R5 (05h)
VMID
Control 0
2:1
VMID_RES
[1:0]
00
VMID Divider Enable and Select
00 = VMID disabled (for OFF mode)
01 = 2 x 50k divider (for normal operation)
10 = 2 x 250k divider (for low power standby)
11 = 2 x 5k divider (for fast start-up)
0
VMID_ENA
0
Enable VMID master bias current source
0 = Disabled
1 = Enabled
Register 05h VMID Control 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R14 (0Eh)
Power
Managemen
t 2
1
HPL_PGA_EN
A
0
Left Headphone Output Enable
0 = disabled
1 = enabled
0
HPR_PGA_EN
A
0
Right Headphone Output Enable
0 = disabled
1 = enabled
Register 0Eh Power Management 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R15 (0Fh)
Power
Managemen
t 3
1
LINEOUTL_PG
A_ENA
0
Left Line Output Enable
0 = disabled
1 = enabled
0
LINEOUTR_P
GA_ENA
0
Right Line Output Enable
0 = disabled
1 = enabled
Register 0Fh Power Management 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com