Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912GEFL/V Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
26
QUICK RELEASE CONTROL
The DRC includes a Quick-Release feature to handle short transient peaks that are not related to the
intended source signal. For example, in handheld microphone recording, transient signal peaks
sometimes occur due to user handling, key presses or accidental tapping against the microphone.
The Quick Release feature ensures that these transients do not cause the intended signal to be
masked by the longer time constants of DRC_DCY.
The Quick-Release feature is enabled by setting the DRC_QR bit. When this bit is enabled, the DRC
measures the crest factor (peak to RMS ratio) of the input signal. A high crest factor is indicative of a
transient peak that may not be related to the intended source signal. If the crest factor exceeds the
level set by DRC_QR_THR, then the normal decay rate (DRC_DCY) is ignored and a faster decay
rate (DRC _QR_DCY) is used instead.
The DRC Quick-Release control bits are described in Table 6.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
DRC Control 0
2
DRC_QR
1
Quick release enable
0 = disabled
1 = enabled
R41 (29h)
DRC Control 1
7:6
DRC_QR_THR
[1:0]
01
Quick release crest factor threshold
00 = 12dB
01 = 18dB (default)
10 = 24dB
11 = 30dB
5:4
DRC_QR_DCY
[1:0]
00
Quick release decay rate
(seconds/6dB)
00 = 0.725ms (default)
01 = 1.45ms
10 = 5.8ms
11 = Reserved
Table 6 DRC Quick-Release Control
GAIN SMOOTHING
The DRC includes a gain smoothing filter in order to prevent gain ripples. A programmable level of
hysteresis is also used to control the DRC gain. This improves the handling of very low frequency
input signals whose period is close to the DRC attack/decay time. DRC Gain Smoothing is enabled
by default and it is recommended to use the default register settings.
The extent of the gain smoothing filter may be adjusted or disabled using the control fields described
in Table 7.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
DRC Control 0
12:11
DRC_GS_HYST
_LVL [1:0]
00
Gain smoothing hysteresis
threshold
00 = Low
01 = Medium (recommended)
10 = High
11 = Reserved
3
DRC_GS_ENA
1
Gain smoothing enable
0 = disabled
1 = enabled
0
DRC_GS_HYST
1
Gain smoothing hysteresis enable
0 = disabled
1 = enabled
Table 7 DRC Gain Smoothing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com