Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912GEFL/V Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
15
AUDIO INTERFACE TIMING
MASTER MODE
BCLK
(output)
LRCLK
(output)
DACDAT
(input)
tDHT
tDST
tDL
Figure 2 Audio Interface Timing – Master Mode
Test Conditions
DCVDD = 1.0V, AVDD = DBVDD = CPVDD = 1.8V, DGND=AGND=CPGND =0V, TA = +25
oC, Master Mode, fs=48kHz,
MCLK=256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Interface Timing - Master Mode
LRCLK propagation delay from BCLK falling edge
tDL
20
ns
DACDAT setup time to BCLK rising edge
tDST
20
ns
DACDAT hold time from BCLK rising edge
tDHT
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com