Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912GEFL/V Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
72
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R116 (74h)
FLL Control 1
2
FLL_FRACN_E
NA
0
FLL Fractional enable
0 = Integer Mode
1 = Fractional Mode
Fractional Mode
(FLL_FRACN_ENA=1) is
recommended in all cases
1
FLL_OSC_ENA
0
FLL Oscillator enable
0 = Disabled
1 = Enabled
FLL_OSC_ENA must be enabled
before enabling FLL_ENA.
Note that this field is required for free-
running FLL modes only.
0
FLL_ENA
0
FLL Enable
0 = Disabled
1 = Enabled
FLL_OSC_ENA must be enabled
before enabling FLL_ENA.
R117 (75h)
FLL Control 2
13:8
FLL_OUTDIV
[5:0]
00_0000
FLL FOUT clock divider
00_0000 = Reserved
00_0001 = Reserved
00_0010 = Reserved
00_0011 = 4
00_0100 = 5
00_0101 = 6
…
11_1110 = 63
11_1111 = 64
(FOUT = FVCO / FLL_OUTDIV)
6:4
FLL_CTRL_RAT
E [2:0]
000
Frequency of the FLL control block
000 = FVCO / 1 (Recommended
value)
001 = FVCO / 2
010 = FVCO / 3
011 = FVCO / 4
100 = FVCO / 5
101 = FVCO / 6
110 = FVCO / 7
111 = FVCO / 8
Recommended that these are not
changed from default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com