Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR2C04A Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 20Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 21Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 22Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 23Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 24Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 25Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 26Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 27Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 192 page
background image
24
Lucent Technologies Inc.
Data Sheet
ORCA Series 2 FPGAs
June 1999
Programmable Logic Cells (continued)
J. Any five of the eight output signals can be routed out
of the PLC. The eight signals are the four LUT out-
puts (F0, F1, F2, and F3) and the four latch/FF out-
puts (Q0, Q1, Q2, and Q3). This allows the user to
access all four latch/FF outputs, read the present
state and next state of a latch/FF, build a 4-bit shift
register, etc. Each of the outputs can drive any num-
ber of the five PFU outputs. The speed of a signal
can be increased by dividing its load among multiple
PFU output drivers.
K. These lines deliver the auxiliary signals’ clock
enable and set/reset to the latches/FFs. All four of
the latches/FFs share these signals.
L. This is the clock input to the latches/FFs. Any of the
horizontal and vertical XH or XL lines can drive the
clock of the PLC latches/FFs. Long-line drivers are
provided so that a PLC can drive one XL line in the
horizontal direction and one XL line in the vertical
direction. The XL lines in each direction exhibit the
same properties as X4 lines, except there are no
CIPs. The clock lines (CKL, CKR, CKT, and CKB)
and multiplexers/drivers are used to connect to the
XL lines for low-skew, low-delay global signals.
The long lines run the length or width of the PLC
array. They rotate to allow four PLCs in one row or
column to generate four independent global signals.
These lines do not have to be used for clock routing.
Any highly used application net can use this
resource, especially one requiring low skew.
M. These lines are used to route the fast carry signal to/
from the neighboring four PLCs. The carry-out
(COUT) of the PFU can also be routed out of the
PFU onto the fifth output (O4). The carry-in (CIN)
signal can also be supplied by the B4 input to the
PFU.
N. These are the 11 logic inputs to the LUT. The A[4:0]
inputs are provided into HLUTA, and the B[4:0]
inputs are provided into HLUTB. The C0 input
bypasses the main LUT and is used in the pfumux,
pfuxor, and pfunand functions (F5M, F5X modes).
Since this input bypasses the LUT, it can be used as
a fast path around the LUT, allowing the implemen-
tation of fast, wide combinatorial functions. The C0
input can be disabled or inverted.
O. The XH lines run one-half the length (width) of the
array before being broken by a CIP.
P. The BIDIHs are used to access the XH lines.
Q. The BIDIH lines are used to connect the BIDIHs to
the XSW lines, the XH lines, or the BIDI lines.
R. These CIPs connect the BIDI lines and the BIDIH
lines.
S. These are clock lines (CKT, CKB, CKL, and CKR)
with the multiplexers and drivers to connect to the
XL lines.
T. These CIPs connect X1 lines which cross in each
corner to allow turns on the X1 lines without using
the XSW lines.
U. These CIPs connect X4 lines and xsw lines, allowing
nets that run a distance that is not divisible by four to
be routed more efficiently.
V. This routing structure allows any PFU output, includ-
ing LUT and latch/FF outputs, to be placed on O4
and be routed onto the fast carry routing.
W. This routing structure allows the fast carry routing to
be routed onto the C0 PFU input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com