Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR2C04A Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 29Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 30Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 31Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 32Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 33Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 34Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 35Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 36Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
33
Interquad Routing (continued)
In the hIQ block in Figure 29, the XH lines from one
quadrant connect through a CIP to its counterpart in
the opposite quadrant, creating a path that spans the
PLC array. Since a passive CIP is used to connect the
two XH lines, a 3-state signal can be routed on the two
XH lines in the opposite quadrants, and then they can
be connected through this CIP.
In the hIQ block, the 20 hIQ lines span the array in a
horizontal direction. The 20 hIQ lines consist of four
groups of five lines each. To effectively route nibble-
wide buses, each of these sets of five lines can connect
to only one of the bits of the nibble for both the XH and
XL. For example, hIQ0 lines can only connect to the
XH0 and XL0 lines, and the hIQ1 lines can connect
only to the XH1 and XL1 lines, etc. Buffers are provided
for routing signals from the XH and XL lines onto the
hIQ lines and from the hIQ lines onto the XH and XL
lines. Therefore, a connection from one quadrant to
another can be made using only two XH lines (one in
each quadrant) and one interquad line.
5-4537(F).r3
Figure 29. hIQ Block Detail
hIQ3[4]
hIQ3[3]
hIQ3[2]
hIQ3[1]
hIQ3[0]
hIQ2[4]
hIQ2[3]
hIQ2[2]
hIQ2[1]
hIQ2[0]
hIQ1[4]
hIQ1[3]
hIQ1[2]
hIQ1[1]
hIQ1[0]
hIQ0[4]
hIQ0[3]
hIQ0[2]
hIQ0[1]
hIQ0[0]
hIQ3[4]
hIQ3[3]
hIQ3[2]
hIQ3[1]
hIQ3[0]
hIQ2[4]
hIQ2[3]
hIQ2[2]
hIQ2[1]
hIQ2[0]
hIQ1[4]
hIQ1[3]
hIQ1[2]
hIQ1[1]
hIQ1[0]
hIQ0[4]
hIQ0[3]
hIQ0[2]
hIQ0[1]
hIQ0[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com