| Electronic Components Datasheet Search |
|
OR2C04A Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OR2C04A Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers |
|
35 / 192 page ![]() Lucent Technologies Inc. 35 Data Sheet June 1999 ORCA Series 2 FPGAs Interquad Routing (continued) 5-4201(F).r4 Figure 31. Horizontal Subquad Routing Connectivity The X4 and XH lines make the only connections to the subquad lines; therefore, the array remains symmetri- cal and homogeneous. Since each subquad is made from a 4 x 4 array of PLCs, the distance between sets of subquad lines is four PLCs, which is also the dis- tance between the breaks of the X4 lines. Therefore, each X4 line will cross exactly one set of subquad lines. Since all X4 lines make the same connections to the subquad lines that they cross, all X4 lines in the array have the same connectivity, and the symmetry of the routing is preserved. Since all XH lines cross the same number of subquad blocks, the symmetry is maintained for the XH lines as well. The new subquad lines travel a length of eight PLCs (seven PLCs on the outside edge) before they are bro- ken. Unlike other inter-PLC lines, they cannot be con- nected end-to-end. As shown in Figure 30, some of the horizontal (vertical) subquad lines have connectivity to the subquad to the left of (above) the current subquad, while others have connectivity to the subquad to the right (below). This allows connections to/from the cur- rent subquad from/to the PLCs in all subquads that sur- round it. Between all subquads, including in the center of the array, there are three groups of subquad lines where each group contains four lines. Figure 31 shows the connectivity of these three groups of subquad lines (HSUB) to the VX4 and VXH lines running between a vertical pair of PLCs. Between each vertical pair of subquad blocks, four of the blocks shown in Figure 31 are used, one for each pair of vertical PLCs. The first two groups, depicted as A and B, have con- nectivity to only one of the two sets of X4 lines between pairs of PLCs. Since they are very lightly loaded, they are very fast. The third group, C, connects to both groups of X4 lines between pairs of PLCs, as well as all of the XH lines between pairs of PLCs, providing high flexibility. The connectivity for the vertical subquad rout- ing (Vsub) is the same as described above for the hori- zontal subquad routing, when rotated onto the other axis. At the center row and column of each quadrant, a fourth group of subquad lines has been added. These subquad lines only have connectivity to the XH lines. The XH lines are also broken at this point, which means that each XH line travels one-half of the quad- rant (i.e., one-quarter of the device) before it is broken by a CIP. Since the XH lines can be connected end-to- end, the resulting line can be either one-quarter, one- half, three-quarters, or the entire length of the array. The connectivity of the XH lines and this fourth group of subquad lines, indicated as D, are detailed in Figure 32. Again, the connectivity for the vertical subquad routing (VSUB) is the same as the horizontal subquad routing, when rotated onto the other axis. 5-4202(F).r3 Figure 32. Horizontal Subquad Routing Connectivity (Half Quad) A C B HSUB[11] HSUB[10] HSUB[9] HSUB[8] HSUB[7] HSUB[6] HSUB[5] HSUB[4] HSUB[3] HSUB[2] HSUB[1] HSUB[0] HSUB[11] HSUB[10] HSUB[9] HSUB[8] HSUB[7] HSUB[6] HSUB[5] HSUB[4] HSUB[3] HSUB[2] HSUB[1] HSUB[0] A D B HSUB[11] HSUB[10] HSUB[9] HSUB[8] HSUB[15] HSUB[14] HSUB[13] HSUB[12] HSUB[3] HSUB[2] HSUB[1] HSUB[0] HSUB[11] HSUB[10] HSUB[9] HSUB[8] HSUB[15] HSUB[14] HSUB[13] HSUB[12] HSUB[3] HSUB[2] HSUB[1] HSUB[0] C HSUB[7] HSUB[6] HSUB[5] HSUB[4] HSUB[7] HSUB[6] HSUB[5] HSUB[4] |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |