Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR2C04A Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 11Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 12Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 13Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 14Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 15Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 16Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 17Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 18Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 192 page
background image
Lucent Technologies Inc.
15
Data Sheet
June 1999
ORCA Series 2 FPGAs
Programmable Logic Cells (continued)
5-4641(F).r1
Figure 17. SDPM Mode—16 x 2 Synchronous
Dual-Port Memory
The Series 2 devices have added a second synchro-
nous memory mode known as the synchronous dual-
port memory (SDPM) mode. This mode writes data
into the memory synchronously in the same manner
described previously for SSPM mode. The SDPM
mode differs in that two separate 16 x 2 memories are
created in each PFU that have the same WE, WPE,
write data (WD[1:0]), and write address (WA[3:0])
inputs, as shown in Figure 17.
The outputs of HLUTA (F[3:2]) operate the same way
they do in SSPM mode—the read address comes
directly from the A[3:0] inputs used to create the
latched write address. The outputs of HLUTB (F[1:0])
operate in a dual-port mode where the write address
comes from the latched version of A[3:0], and the read
address comes directly from RA[3:0], which is input on
B[3:0].
Since external multiplexing of the write address and
read address is not required, extremely fast RAMs can
be created. New system applications that require an
interface between two different asynchronous clocks
can also be implemented using the SDPM mode. An
example of this is accomplished by creating FIFOs
where one clock controls the synchronous write of data
into the FIFO, and the other clock controls the read
address to allow reading of data at any time from the
FIFO.
Latches/Flip-Flops
The four latches/FFs in the PFU can be used in a vari-
ety of configurations. In some cases, the configuration
options apply to all four latches/FFs in the PFU. For
other options, each latch/FF is independently program-
mable.
Table 4 summarizes these latch/FF options. The
latches/FFs can be configured as either positive or
negative level-sensitive latches, or positive or negative
edge-triggered flip-flops. All latches/FFs in a given PFU
share the same clock, and the clock to these latches/
FFs can be inverted. The input into each latch/FF is
from either the corresponding QLUT output (F[3:0]) or
the direct data input (WD[3:0]). For latches/FFs located
in the two outer rings of PLCs, additional inputs are
possible. These additional inputs are fast paths from
I/O pads located in PICs in the same row or column as
the PLCs. If the latch/FF is not located in the two outer
rings of the PLCs, the latch/FF input can also be tied to
logic 0, which is the default. The four latch/FF outputs,
Q[3:0], can be placed on the five PFU outputs, O[4:0].
Table 4. Configuration RAM Controlled Latch/
Flip-Flop Operation
The four latches/FFs in a PFU share the clock (CK),
clock enable (CE), and local set/reset (LSR) inputs.
When CE is disabled, each latch/FF retains its previous
value when clocked. Both the clock enable and LSR
inputs can be inverted to be active-low.
WE
WPE
A4
DQ
DQ
CIN, C0
WA[3:0]
WD[1:0]
WR
WA[3:0]
RA[3:0]
WD[1:0]
HLUTA
F3
F2
DQ
DQ
WR
WA[3:0]
RA[3:0]
WD[1:0]
HLUTB
F1
F0
WRITE PULSE
GENERATOR
A[3:0]
WD[1:0]
RA[3:0] B[3:0]
Function
Options
Functionality Common to All Latch/FFs in PFU
LSR Operation
Asynchronous or synchronous
Clock Polarity
Noninverted or inverted
Front-End Select
Direct (WD[3:0]) or from LUT
(F[3:0])
LSR Priority
Either LSR or CE has priority
Functionality Set Individually in Each Latch/FF in PFU
Latch/FF Mode
Latch or flip-flop
Set/Reset Mode
Set or Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com