Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR2C04A Datasheet(PDF) 143 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 143 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 139Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 140Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 141Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 142Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 143Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 144Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 145Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 146Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 147Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
143
Timing Characteristics (continued)
Note: Speed grades of -5, -6, and -7 are for OR2TxxA devices only.
Table 38A. OR2CxxA and OR2TxxA Asynchronous Memory Read During Write, Clocking Data into Latch/
Flip-Flop (MA/MB Modes)
OR2CxxA Commercial: VDD = 5.0 V ± 5%, 0 °C
≤ TA ≤ 70 °C; OR2CxxA Industrial: VDD = 5.0 V ± 10%, –40 °C ≤ TA ≤ +85 °C.
OR2TxxA Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxA Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤
+85 °C.
Parameter
Symbol
Speed
Unit
-2
-3
-4
-5
-6
-7
Min Max
Min Max Min Max Min Max Min Max Min Max
Setup Time (TJ = 85 °C, VDD = min):
Address to Clock (A[3:0], B[3:0] to CK)
Write Enable (WREN) to Clock (A4/B4 to CK)
Write-port Enable (WPE) to Clock (C0 to CK)
Data (WD[3:0] to CK)
MEM*_ASET
MEM*_WRSET
MEM*_PWRSET
MEM*_DSET
2.4
5.4
7.4
3.5
—
—
—
—
1.8
4.4
5.9
2.6
—
—
—
—
1.2
3.8
4.8
2.6
—
—
—
—
1.1
3.4
4.3
2.3
—
—
—
—
1.0
3.1
4.0
2.2
—
—
—
—
1.0
3.0
3.9
2.1
—
—
—
—
ns
ns
ns
ns
Hold Time (TJ = All, VDD = All): All
TH
0.0
—
0.0
—
0.0
—
0.0
—
0.0
—
0.0
—
ns
Clock to PFU Out (CK to Q[3:0])—Register
REG_DEL
—
2.4
—
2.0
—
1.9
—
1.5
—
1.3
—
1.0
ns
Table 38B. OR2TxxB Asynchronous Memory Read During Write, Clocking Data into Latch/Flip-Flop
(MA/MB Modes)
OR2TxxB Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxB Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤
+85 °C.
Parameter
Symbol
Speed
Unit
-7
-8
Min
Max
Min
Max
Setup Time (TJ = 85 °C, VDD = min):
Address to Clock (A[3:0], B[3:0] to CK)
Write Enable (WREN) to Clock (A4/B4 to CK)
Write-port Enable (WPE) to Clock (C0 to CK)
Data (WD[3:0] to CK)
MEM*_ASET
MEM*_WRSET
MEM*_PWRSET
MEM*_DSET
0.9
2.9
3.7
2.0
—
—
—
—
0.8
2.5
3.2
1.7
—
—
—
—
ns
ns
ns
ns
Hold Time (TJ = all, VDD = all): All
TH
0.0
—
0.0
—
ns
Clock to PFU Out (CK to Q[3:0])—Register
REG_DEL
—
1.0
—
1.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com