Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR2C04A Datasheet(PDF) 165 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 165 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 161Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 162Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 163Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 164Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 165Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 166Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 167Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 168Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 169Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
165
Timing Characteristics (continued)
Note: Serial configuration data is transmitted out on DOUT on the falling edge of CCLK after it is input on DIN.
Note: Serial configuration data is transmitted out on DOUT on the falling edge of CCLK after it is input on DIN
Figure 70. Slave Serial Configuration Mode Timing Diagram
Table 52A. OR2CxxA/OR2TxxA Slave Serial Configuration Mode Timing Characteristics
OR2CxxA Commercial: VDD = 5.0 V ± 5%, 0 °C
≤ TA ≤ 70 °C; OR2CxxA Industrial: VDD = 5.0 V ± 10%, –40 °C ≤ TA ≤ +85 °C.
OR2TxxA Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxA Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤ +85 °C
Parameter
Symbol
Min
Max
Unit
DIN Setup Time
TS
20
—
ns
DIN Hold Time
TH
0—
ns
CCLK High Time
TCH
50
—
ns
CCLK Low Time
TCL
50
—
ns
CCLK Frequency
FC
—10
MHz
CCLK to DOUT
TD
—30
ns
Table 52B. OR2TxxB Slave Serial Configuration Mode Timing Characteristics
OR2TxxB Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxB Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤ +85 °C.
Parameter
Symbol
Min
Max
Unit
DIN Setup Time
TS
15
—
ns
DIN Hold Time
TH
0—
ns
CCLK High Time
TCH
12.5
—
ns
CCLK Low Time
TCL
12.5
—
ns
CCLK Frequency
FC
—40
MHz
CCLK to DOUT
TD
—10
ns
5-4535(F)
DIN
CCLK
DOUT
TD
TS
TH
TCL
TCH
BIT N
BIT N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com