Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 53Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 54Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 55Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 56Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 57Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 58Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 59Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 60Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 226 page
background image
Rev. 1.00
�7 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
20 Oscillators
Various oscillator options offer the user a wide range of functions according to their various
application requirements. The flexible features of the oscillator functions ensure that the best
optimisation can be achieved in terms of speed and power saving. Oscillator selections and
operation are selected using internal registers.
System Oscillator Overview
In addition to being the source of the main system clock the oscillators also provide clock sources
for the Watchdog Timer and Time Base functions. External oscillators requiring some external
components as well as two fully integrated internal oscillators, requiring no external components,
are provided to form a wide range of both fast and slow system oscillators. After a reset occurs the
HIRC oscillator is selected as the initial system clock but can be later switched by the application
program using the clock control register.
Type
Name
Function
Freq.
Pins
External High Speed Cr�stal HXT Precision High Speed S�stem Clock 400kHz~�4�Hz
OSC1/OSC�
Internal High Speed RC
HIRC High Speed S�stem Clock
�.6864�Hz
—
External Low Speed Cr�stal
LXT Precision WDT and Time Base Clock
��768Hz
XT1/XT�
Internal Low Speed RC
LIRC WDT and Time Base Clock
��kHz
—
System Clock Configuration
There are four oscillators, two high speed oscillators and two low speed oscillators. The high speed
oscillators are the external crystal, HXT, and the internal RC oscillator, HIRC, which are used as
the system oscillators. The two low speed oscillators are the external 32768Hz oscillator, LXT,
and the internal 32kHz RC oscillator, LIRC, which are used as peripheral clocks for the Watchdog
Timer and Time Base functions.
External High Speed Crystal Oscillator – HXT
The simple connection of a crystal across OSC1 and OSC2 will create the necessary phase shift and
feedback for oscillation. However, for some crystals and most resonator types, to ensure oscillation
and accurate frequency generation, it is necessary to add two small value external capacitors,
C1 and C2. The exact values of C1 and C2 should be selected in consultation with the crystal or
resonator manufacturer’s specification. The external crystal frequency can be multiplied from 1
to 8 times using the internal PLL. For example, if a 4MHz crystal is used for oscillator and if the
PLL is selected as 8 times, the system clock can be increased to 32MHz. Note that if the internal
PLL is enabled, the external crystal frequency should be fixed at 4MHz; otherwise, an unexpected
frequency will be generated. When the internal PLL function is not to be used, the external crystal
frequency can be within the range, from 400kHz to 24MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com