| Electronic Components Datasheet Search |
|
HT85F2270 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT85F2270 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc |
|
16 / 226 page ![]() Rev. 1.00 16 of ��6 �a� 1�� �01� Standard 8051 8-Bit Flash MCU HT85F2260/HT85F2270/HT85F2280 2 General Description The HT85F22x0 series of devices are Flash Memory A/D type high performance 1-T architecture 8051-Based microcontrollers. Offering users the convenience of Flash Memory multi-programming features, these devices also include a wide range of functions and features. Analog features include a multi-channel 12-bit A/D converter, a 12-bit D/A converter and dual comparator functions. Multiple timers provide timing, capture, event counter and programmable clock output functions. Communication with the outside world is catered for by including fully integrated SPI, I2C and UART interface functions, popular interfaces which provide designers with a means of easy communication with external peripheral hardware. Protective features such as an internal Watchdog Timer, Low Voltage Reset and Low Voltage Detector and Missing Clock Detector coupled with excellent noise immunity and ESD protection ensure that reliable operation is maintained in hostile electrical environments. A full choice of both internal and external high and low speed oscillators are provided with the internal oscillators requiring no external components for its implementation. A fully internal Phase Locked Loop and the ability to operate and switch dynamically between a range of operating modes using different clock sources gives users the ability to optimise microcontroller operation and minimize power consumption. The inclusion of flexible I/O programming features, Time-Base functions along with many other features ensure that the device will find excellent use in applications such as electronic metering, environmental monitoring, handheld instruments, household appliances, electronically controlled tools, motor driving in addition to many others. The HT85F22x0 series are Flash devices offering the advantages of easy and effective in-circuit program updates. In addition, an EV chip, HT85V2280, includes an OCDS (On-Chip Debug Support) interface for the In-Circuit Emulator. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |