Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 73Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 74Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 75Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 76Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 77Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 78Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 79Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 80Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 226 page
background image
Rev. 1.00
77 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Reset Operations
After the initial power on reset, there are many ways in which a microcontroller reset can occur,
through events occurring both internally and externally.
Reset Source Register – RSTSRC
After a reset occurs the device will be reset to some initial condition. Several registers are used to
indicate which actual reset type caused the device to reset. Seven of the possible reset sources will
be indicated by the reset source register, RSTSRC. The additional reset sources are indicated by the
SRSTREQ bit in the SRST register for the Software Reset and the WDTS bit in the IP0 register for
the Watchdog reset. And the MCU reset can also caused by ROM Code Check.
All of the bits in the RSTSRC register are read only and can therefore not be cleared by the
application program after one of the relevant reset occurs. After one of these reset occurs and the
relevant bit is high to indicate its occurrence, the bit can only be cleared by hardware when another
different reset type occurs.
RSTSRC Register
SFR Address: FFh
Bit
7
6
5
4
3
2
1
0
Label
—
LRF
WRF
�CDF
C�P0F
LVRF
XRSTF
PORF
R/W
—
R
R
R
R
R
R
R
POR
—
0
0
0
0
x
0
1
Bit 7
Unimplemented, read as “0”
Bit 6
LRF: LVRCR Register Setting Software Reset Indication Flag
0: No LVRCR Setting Software Reset
1: LVRCR Software Reset
Bit 5
WRF: WDTCR Register Setting Software Reset Indication Flag
0: No WDTCR Setting Software Reset
1: WDTCR Setting Software Reset
Bit 4
MCDF: Missing Clock Detection Reset Indication Flag
0: No Missing Clock Detection Reset
1: Missing Clock Detection Reset
Bit 3
CMP0F: Comparator 0 Reset Indication Flag
0: No Comparator 0 Reset
1: Comparator 0 Reset
Bit 2
LVRF: Low-Voltage Reset Indication Flag
0: No Low-Voltage Reset
1: Low-Voltage Reset
Bit 1
XRSTF: External Pin Reset Indication Flag
0: No External Reset
1: External Reset
Bit 0
PORF: Power-on Reset Indication Flag
0: No Power-on Reset
1: Power-on Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com