Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 59Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 60Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 61Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 62Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 63Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 64Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 65Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 66Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 226 page
background image
Rev. 1.00
6� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
High Speed Oscillator Control Register – HSOCR
SFR Address: EFh
Bit
7
6
5
4
3
2
1
0
Name
—
—
HXTRDY HIRCRDY
—
—
HXTEN
HIRCEN
R/W
—
—
R
R
—
—
R/W
R/W
POR
—
—
0
1
—
—
0
1
Bit 7~6
Unimplemented, read as “0”
Bit 5
HXTRDY: HXT oscillator ready indication bit
0: Not ready
1: Ready
This is the external high frequency oscillator, HXT, ready indication bit which indicates
if the HXT oscillator is stable or not. This bit will be cleared to zero by hardware when
the device is powered on. After power on, if the HXT oscillator is selected, the bit will
change to a high level when the external high frequency oscillator is stable.
Bit 4
HIRCRDY: HIRC oscillator ready indication bit
0: Not ready
1: Ready
This is the internal high frequency oscillator, HIRC, ready indication bit which indicates
if the HIRC oscillator is stable or not. This bit will be cleared to zero by hardware when
the HIRC function is disabled. After power on, if the HIRC oscillator is enabled, the bit
will change to a high level when the internal high frequency oscillator is stable.
Bit 3~2
Unimplemented, read as “0”
Bit 1
HXTEN: HXT control bit
0: Disable
1: Enable
Bit 0
HIRCEN: HIRC control bit
0: Disable
1: Enable
After power on, this bit will be set high thus selecting the HIRC as the initial system
oscillator.
Low Speed Oscillator Control Register – LSOCR
SFR Address: EEh
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
LSORDY
—
—
LSOSEL
—
R/W
—
—
—
R
—
—
R/W
—
POR
—
—
—
1
—
—
0
—
Bit 7~5
Unimplemented, read as “0”
Bit 4
LSORDY: Low speed oscillator ready indication flag
0: Not ready
1: Ready
This is the common ready flag for the two low speed oscillators, LIRC and LXT,
which indicates if the low speed oscillator is stable or not. During low speed oscillator
switching this bit will be automatically cleared to zero by the hardware.
Bit 3~2
Unimplemented, read as “0”
Bit 1
LSOSEL: Low frequency oscillator select bit
0: LIRC
1: LXT
Bit 0
Unimplemented, read as “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com