Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 60 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 60 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 56Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 57Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 58Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 59Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 60Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 61Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 62Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 63Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 64Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 226 page
background image
Rev. 1.00
60 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
21 Operating Modes and System Clocks
Present day applications require that their microcontrollers have high performance but often still
demand that they consume as little power as possible, conflicting requirements that are especially
important in battery powered portable applications. This usually requires the microcontroller can
provide a range of clock sources which can be dynamically selected.
System Clocks Description
The fast clocks required for high performance will inherently have a higher power consumption
and of course vice-versa, lower speed clocks will have a lower power consumption. As Holtek has
provided these devices with a range of oscillators and a PLL function the user can optimise the
system clock frequency to achieve the best performance/power ratio. In addition to the two high
frequency system oscillators, two low frequency 32kHz oscillators are also provided as clock
sources for the WDT and Time Base.
The MCU system clock is sourced from the high speed external crystal, HXT oscillator, or internal,
HIRC oscillator. These oscillators can be used directly as the system clock and can be routed via an
internal PLL to give a wide range of operating frequencies. The PLL frequency can be dynamically
changed to suit varying operating conditions and to achieve maximum performance.
The system clock, namely fSYS, can also be used as a clock source for the peripheral functions, such
as WDT, Time Base, Timers, UART, I2C, SPI, ADC and DAC. Refer to the related sections for the
clock source selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com