Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 63Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 64Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 65Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 66Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 67Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 68Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 69Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 70Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 226 page
background image
Rev. 1.00
67 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Power Control Register
Two bits, PD and IDL, in the PCON register control overall mode selection.
PCON Register – Power Control Register
SFR Address: 87h
Bit
7
6
5
4
3
2
1
0
Name
S�OD
—
—
—
—
GF0
PD
IDL
R/W
R/W
—
—
—
R
R/W
R/W
R/W
POR
0
—
—
—
1
0
0
0
Bit 7
SMOD: Serial Port 0 double baud rate select
Described elsewhere
Bit 6~3
Unimplemented
Bit 2
GF0: General Purpose bit
Bit 1
PD: Power-Down Mode control bit
0: No Power-Down – selected oscillators running
1: Power-Down – all oscillators stopped
Setting the PD bit to high will enable the Power-Down mode function. This bit will be
cleared by hardware before entering the Power-Down mode and always read as “0”.
Bit 0
IDL: IDLE Mode control bit
0: No Idle Mode – CPU clock running
1: Idle Mode – CPU clock stopped
Setting the IDL bit to high will enable IDLE mode function. This bit will be cleared by
hardware before entering the IDLE mode and always read as “0”. Note that if the PD bit
is set high, to enable the Power-Down Mode, then the condition of the IDL bit will be
overridden.
Standby Current Considerations
As the main reason to stop the oscillators is to keep the current consumption of the MCU to as low
a value as possible, perhaps only in the order of several micro-amps, there are other considerations
which must also be taken into account by the circuit designer if the power consumption is to be
minimised.
Special attention must be made to the I/O pins on the device. All high-impedance input pins must
be connected to either a fixed high or low level as any floating input pins could create internal
oscillations and result in increased current consumption. Care must also be taken with the loads,
which are connected to I/O pins, which are setup as outputs. These should be placed in a condition
in which minimum current is drawn or connected only to external circuits that do not draw current,
such as other CMOS inputs. And for power saving purpose, all the analog modules have to be
disabled using the application program before MCU enter the IDLE or Power-Down mode.
The high speed and low speed oscillators will continue to run when in the IDLE Mode and will
thus consume some power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com