Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 22Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 23Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 24Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 25Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 26Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 27Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 28Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 29Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 226 page
background image
Rev. 1.00
�6 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
10 ADC Electrical Characteristics
Ta=��°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
AVDD
A/D Converter Operating Voltage
—
—
�.7
—
�.�
V
VADI
A/D Converter Input Voltage
— VREF available
0
—
VREF
V
— VREF not available
0
— AVDD
VREF
A/D Converter Reference Voltage
—
—
�
— AVDD
V
DNL
Differential Non-linearit�
—
AVDD=�V
VREF=AVDD
tADCK=1μs
-�
—
+� LSB
INL
Integral Non-linearit�
—
AVDD=�V
VREF=AVDD
tADCK =1μs
-4
—
+4 LSB
IADC
Additional Power Consumption if A/D Converter is used
�V
No load� tADCK=0.5μs
—
1.00 1.40 mA
�V
—
1.�0 �.00 mA
tADCK
A/D Converter Clock Period
—
—
0.�
—
10
μs
tADC
A/D Conversion Time (Include Sample and Hold Time)
— 1� bit ADC
—
16
—
tADCK
tADS
A/D Converter Sampling Time
—
—
—
4
—
tADCK
tON�ST
ADC on to ADC start
—
—
�
—
—
μs
11 DAC Electrical Characteristics
VDD=�V� AV+=�.0V� VREF=�.4V� no output load unless otherwise specified
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Static Performance
Resolution
—
1�
bits
Integral Nonlinearit�
—
—
±�
—
LSB
Differential Nonlinearit�
—
—
—
±1
LSB
Offset Error
Data Word=0x014
—
±�
±�0
mV
Gain Error
—
—
±�0
±60
mV
Output Sink Current
—
—
�00
—
μA
Output Short-Circuit Current
Data Word=0xFFF
—
1�
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com