Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 66Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 67Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 68Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 69Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 70Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 71Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 72Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 73Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 226 page
background image
Rev. 1.00
70 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Watchdog Registers
There are several registers for overall watchdog timer operation. The WDTREL register is used to
setup the reload value of the Watchdog Timer. The remaining four registers are control registers
which setup the operating and control function of the WDT function. The WDTCR register
controls the WDT enable/disable operation, software reset and clock source select functions. The
WDT and SWDT bits, located in the IEN0 and IEN1 registers respectively, are used to refresh the
WDT counter to prevent the WDT overflow and reset the device. The WDTS bit in the IP0 register
is used to indicate that a WDT software reset has been generated. For details regarding the WDT
software reset function, refer to the datasheet Reset section for details.
WDT Register Contents
Name
Bit
7
6
5
4
3
2
1
0
IEN0
(EAL)
WDT
(ET�)
(ES0)
(ET1)
(EX1)
(ET0)
(EX0)
IEN1
(EXEN�)
SWDT
(ET�)
(EC�P)
(EX6)
(EX�)
(EX4)
(EX�)
WDTREL
D7
D6
D�
D4
D�
D�
D1
D0
WDTCR
WE4
WE�
WE�
WE1
WE0
—
—
WDTCS
IP0
—
WDTS
(PT�)
(PS0)
(PT1)
(PX1)
(PT0)
(PX0)
Note: The bit and flag names in brackets are used to manage other functions and not related to the
WDT control.
IEN0 Register
SFR Address: A8h
Bit
7
6
5
4
3
2
1
0
Name
EAL
WDT
ET�
ES0
ET1
EX1
ET0
EX0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
EAL: Master interrupt global enable
Described elsewhere
Bit 6
WDT: Watchdog timer refresh flag
Setting this bit to “1” is the first step in initiating a Watchdog Timer refresh action. This
WDT bit must be set immediately before setting the SWDT bit in the IEN1 register. The
two instructions should be executed consecutively and not have any other instruction in
between to prevent an unintentional watchdog timer refresh. This bit will be cleared by
hardware automatically. This bit is always read as 0.
Bit 5
ET2: Timer2 interrupt enable
Described elsewhere
Bit 4
ES0: Serial Port 0 interrupt enable
Described elsewhere
Bit 3
ET1: Timer1 overflow interrupt enable
Described elsewhere
Bit 2
EX1: External interrupt 1 enable
Described elsewhere
Bit 1
ET0: Timer0 overflow interrupt enable
Described elsewhere
Bit 0
EX0: External interrupt 0 enable
Described elsewhere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com