Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 84 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 80Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 81Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 82Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 83Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 84Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 85Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 86Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 87Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 226 page
background image
Rev. 1.00
84 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Software Resets
There are three ways to generate Software Reset, each of which are generated by writing certain
values to the SRST register, the WDTCR register or the LVRCR register.
Software Reset Summary
Software Reset Name
Register
Bit
Operation
SRST Register
SRST
SRSTREQ Write two successive “1” values to this bit
WDTRCR Register
WDTCR
WE4~WE0 Write value other than “10101” or “01010”
LVRCR Register
LVRCR
LVS7~LVS0 Write value other than “01010101”� “00110011”� “011001”
or “10101010”
SRST Register Software Reset
A software reset will be generated after two consecutive instructions to write a high value to the
SRSTREQ bit in the SRST register. The same bit can be used to identify the reset source.
SRST Register
SFR Address: F7h
Bit
7
6
5
4
3
2
1
0
Label
—
—
—
—
—
—
—
SRSTREQ
R/W
—
—
—
—
—
—
—
R/W
POR
—
—
—
—
—
—
—
0
Bit 7~1
Unimplemented, read as “0”
Bit 0
SRSTREQ: Software reset request.
Writing a ‘0’ value to this bit will have no effect.
A single ‘1’ value write to this bit will have no effect.
Two consecutive ‘1’ value writes to this bit will generate a software reset.
Reading this bit can indicate the reset source:
0: No software reset
1: Software reset
This bit must be cleared by the application program as it will not be automatically
cleared by hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com