Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT85F2270 Datasheet(PDF) 96 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 96 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 92Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 93Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 94Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 95Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 96Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 97Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 98Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 99Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 100Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 226 page
background image
Rev. 1.00
96 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
IRCON Register
SFR Address: C0h
Bit
7
6
5
4
3
2
1
0
Name
EXF�
TF�
IEX6
IEX�
IEX4
IEX�
IEX�
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
POR
0
0
0
0
0
0
0
—
Bit 7
EXF2: Timer 2 external reload interrupt request flag
0: No request
1: Interrupt request
The EXF2 bit will be set high by a negative transition on the T2EX pin. This bit must
be cleared using the application program. The EXF2 bit will be invalid in the Timer 2
Timer/Counter mode.
Bit 6
TF2: Timer 2 overflow interrupt request flag
0: No request
1: Interrupt request
This bit must be cleared using the application program.
Bit 5
IEX6: External interrupt 6 interrupt request flag
0: No request
1: Interrupt request
This bit is triggered by rising edge of external interrupt INT6. The IEX6 flag also will
be set high when Timer 2 compare mode is enabled and counter value (TH2, TL2)
is equal to Compare/Capture register 3 (CCH3, CCL3). Once the program into the
interrupt subroutine, the IEX6 flag will be cleared by hardware automatically.
Bit 4
IEX5: External interrupt 5 interrupt request flag
0: No request
1: Interrupt request
This bit is triggered by rising edge of external interrupt INT5. The IEX5 flag also will
be set high when Timer 2 compare mode is enabled and counter value (TH2, TL2)
is equal to Compare/Capture register 2 (CCH2, CCL2). Once the program into the
interrupt subroutine, the IEX5 flag will be cleared by hardware automatically.
Bit 3
IEX4: External interrupt 4 interrupt request flag
0: No request
1: Interrupt request
This bit is triggered by rising edge of external interrupt INT4. The IEX4 flag also will
be set high when Timer 2 compare mode is enabled and counter value (TH2, TL2)
is equal to Compare/Capture register 1 (CCH1, CCL1). Once the program into the
interrupt subroutine, the IEX4 flag will be cleared by hardware automatically.
Bit 2
IEX3: External interrupt 3 interrupt request flag
0: No request
1: Interrupt request
This bit is triggered by falling or rising edge of external interrupt INT3. The IEX3 flag
also will be set high when Timer 2 compare mode is enabled and counter value (TH2,
TL2) is equal to Compare/Reload/Capture register (CRCH, CRCL). Once the program
into the interrupt subroutine, the IEX3 flag will be cleared by hardware automatically.
Bit 1
IEX2: External interrupt 2 interrupt request flag
0: No request
1: Interrupt request
This bit is triggered by falling or rising edge of external interrupt INT2. This bit will be
cleared by hardware automatically.
Bit 0
Unimplemented, read as "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com