Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL362BCCZ-R2 Datasheet(PDF) 28 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 30Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 31Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 28 of 44
The 16-bit value allows for long inactivity detection times. The
maximum value is 0xFFFF or 65,535 samples. At the lowest output
data rate, 12.5 Hz, this equates to almost 90 minutes. In this con-
figuration, the accelerometer must be stationary for 90 minutes
before putting its system to sleep.
Setting the inactivity time to 0x00 has the same result as setting
this time to 0x01: Inactivity is detected when a single acceleration
sample has all axes lower than the inactivity threshold
(THRESH_INACT).
Address: 0x25, Reset: 0x00, Name: TIME_INACT_L
Address: 0x26, Reset: 0x00, Name: TIME_INACT_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com