Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL362BCCZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 9Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 10Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 11Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 12Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 13Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 10 of 44
–10
–8
–6
–4
–2
0
2
4
6
8
10
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 17. X-Axis Sensitivity Deviation from 25°C vs. Temperature—
16 Parts Soldered to PCB, ODR = 100 Hz, VS = 2 V
TEMPERATURE (°C)
–10
–8
–6
–4
–2
0
2
4
6
8
10
–60
–
40
–
20
0
20
40
60
80
100
Figure 18. Y-Axis Sensitivity Deviation from 25°C vs. Temperature—
16 Parts Soldered to PCB, ODR = 100 Hz, VS = 2 V
–10
–8
–6
–4
–2
0
2
4
6
8
10
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 19. Z-Axis Sensitivity Deviation from 25°C vs. Temperature—
16 Parts Soldered to PCB, ODR = 100 Hz, VS = 2 V
0
5
10
15
20
25
30
35
40
450
475
500
525
550
575
600
625
650
675
700
SELF TEST DELTA (mg)
Figure 20. X-Axis Self Test Response at 25°C, VS = 2 V
0
5
10
15
20
25
30
35
40
–700 –675 –650 –625 –600 –575 –550 –525 –500 –475 –450
SELF TEST DELTA (mg)
Figure 21. Y-Axis Self Test Response at 25°C, VS = 2 V
0
5
10
15
20
25
30
35
40
350 375 400 425 450 475 500 525 550 575 600 625 650
SELF TEST DELTA (mg)
Figure 22. Z-Axis Self Test Response at 25°C, VS = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com