Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL362BCCZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 21Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 25 of 44
STATUS REGISTER
Address: 0x0B, Reset: 0x40, Name: STATUS
This register includes the following bits that describe various conditions of the ADXL362.
Table 12. Bit Descriptions for STATUS
Bits
Bit Name
Settings
Description
Reset
Access
7
ERR_USER_REGS
SEU Error Detect. 1 indicates one of two conditions: either an SEU event,
such as an alpha particle of a power glitch, has disturbed a user register
setting or the ADXL362 is not configured. This bit is high upon both
startup and soft reset, and resets as soon as any register write commands
are performed.
0x0
R
6
AWAKE
Indicates whether the accelerometer is in an active (AWAKE = 1) or
inactive (AWAKE = 0) state, based on the activity and inactivity
functionality. To enable autosleep, activity and inactivity detection must
be in linked mode or loop mode (LINK/LOOP bits in the ACT_INACT_CTL
register); otherwise, this bit defaults to 1 and should be ignored.
0x1
R
5
INACT
Inactivity. 1 indicates that the inactivity detection function has detected
an inactivity or a free fall condition.
0x0
R
4
ACT
Activity. 1 indicates that the activity detection function has detected an
overthreshold condition.
0x0
R
3
FIFO_OVERRUN
FIFO Overrun. 1 indicates that the FIFO has overrun or overflowed, such
that new data replaces unread data. See the Using FIFO Interrupts
section for details.
0x0
R
2
FIFO_WATERMARK
FIFO Watermark. 1 indicates that the FIFO contains at least the desired
number of samples, as set in the FIFO_SAMPLES register. See the Using
FIFO Interrupts section for details.
0x0
R
1
FIFO_READY
FIFO Ready. 1 indicates that there is at least one sample available in the
FIFO output buffer. See the Using FIFO Interrupts section for details.
0x0
R
0
DATA_READY
Data Ready. 1 indicates that a new valid sample is available to be read.
This bit clears when a FIFO read is performed. See the Data Ready
Interrupt section for more details.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com