Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL362BCCZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 26 of 44
FIFO ENTRIES REGISTERS
These registers indicate the number of valid data samples
present in the FIFO buffer. This number ranges from 0 to 512
or 0x00 to 0x200. FIFO_ENTRIES_L contains the least significant
byte. FIFO_ENTRIES_H contains the two most significant bits.
Bits[15:10] of FIFO_ENTRIES_H are unused (represented as X
= don’t care).
Address: 0x0C, Reset: 0x00, Name: FIFO_ENTRIES_L
Address: 0x0D, Reset: 0x00, Name: FIFO_ENTRIES_H
X-AXIS DATA REGISTERS
These two registers contain the sign extended (SX) x-axis
acceleration data. XDATA_L contains the eight least significant
bits (LSBs), and XDATA_H contains the four most significant
bits (MSBs) of the 12-bit value.
The sign extension bits (B[15:12], denoted as SX in the
XDATA_H bit map that follows) have the same value as the
MSB (B11).
Address: 0x0E, Reset: 0x00, Name: XDATA_L
Address: 0x0F, Reset: 0x00, Name: XDATA_H
Y-AXIS DATA REGISTERS
These two registers contain the sign extended (SX) y-axis
acceleration data. YDATA_L contains the eight LSBs and
YDATA_H contains the four MSBs of the 12-bit value.
The sign extension bits (B[15:12], denoted as SX in the
YDATA_H bit map that follows) have the same value as the
MSB (B11).
Address: 0x10, Reset: 0x00, Name: YDATA_L
Address: 0x11, Reset: 0x00, Name: YDATA_H
Z-AXIS DATA REGISTERS
These two registers contain the sign extended (SX) z-axis
acceleration data. ZDATA_L contains the eight LSBs, and
ZDATA_H contains the four MSBs of the 12-bit value.
The sign extension bits (B[15:12], denoted as SX in the
ZDATA_H bit map that follows) have the same value as the
MSB (B11).
Address: 0x12, Reset: 0x00, Name: ZDATA_L
Address: 0x13, Reset: 0x00, Name: ZDATA_H
TEMPERATURE DATA REGISTERS
These two registers contain the sign extended (SX) tempera-
ture sensor output data. TEMP_L contains the eight LSBs, and
TEMP_H contains the four MSBs of the 12-bit value. The value is
sign extended; therefore, Bits[B15:B12] of TEMP_H are all 0s or
all 1s, based on the value of Bit B11.
The sign extension bits (B[15:12], denoted as SX in the TEMP_H
bit map that follows) have the same value as the MSB (B11).
Address: 0x14, Reset: 0x00, Name: TEMP_L
Address: 0x15, Reset: 0x00, Name: TEMP_H
SOFT RESET REGISTER
Address: 0x1F, Reset: 0x00, Name: SOFT_RESET
Writing Code 0x52 (representing the letter, R, in ASCII or
unicode) to this register immediately resets the ADXL362. All
register settings are cleared, and the sensor is placed in standby.
Interrupt pins are configured to a high output impedance mode
and held to a valid state by bus keepers.
This is a write-only register. If read, data in it is always 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com