Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL362BCCZ-R2 Datasheet(PDF) 36 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 32Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 33Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 34Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 35Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 36Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 37Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 38Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 39Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 36 of 44
APPLICATIONS INFORMATION
APPLICATION EXAMPLES
This section includes a few application circuits, highlighting
useful features of the ADXL362.
Device Configuration
This section outlines the procedure for configuring the device
and acquiring data. In general, the procedure follows the sequence
of the register map, starting with Register 0x20, THRESH_ACT_L.
1. Set activity and inactivity thresholds and timers.
a. Write to Register 0x20 to Register 0x26.
b. To minimize false positive motion triggers, set the
TIME_ACT register greater than 1.
2. Configure activity and inactivity functions.
a. Write to Register 0x27.
3. Configure FIFO.
a. Write to Register 0x28 and Register 0x29.
4. Map interrupts.
a. Write to Register 0x2A and Register 0x2B.
5. Configure general device settings.
a. Write to Register 0x2C.
6. Turn measurement on.
a. Write to Register 0x2D.
Settings for each of the registers vary based on application
requirements. For more information, see the Register Details
section.
Autonomous Motion Switch
The features of the ADXL362 make it ideal for use as an
autonomous motion switch. The example outlined here
implements a switch that, once configured, operates without the
intervention of a host processor to intelligently manage system
power. In this example, the awake signal, mapped to the INT2
pin, drives a high-side power switch, such as the ADP195, to
control power to the downstream circuitry.
ADXL362
GND
INT1
INT2
CS
SCLK
MISO
MOSI
SPI
INTERFACE
VS
VS
CS
VDD I/O
VDD I/O
CIO
INTERRUPT
CONTROL
AWAKE
GND
EN
VIN
VS
LOAD
VOUT
ADP195
LEVEL SHIFT
AND SLEW
RATE CONTROL
REVERSE
POLARITY
PROTECTION
Figure 43. Awake Signal to Control Power to Downstream Circuitry
Startup Routine
This routine assumes a ±2 g measurement range and operation
in wake-up mode.
1. Write 250 decimal (0xFA) to Register 0x20, and write 0 to
Register 0x21: sets activity threshold to 250 mg.
2. Write 150 decimal (0x96) to Register 0x23, and write 0 to
Register 0x24: sets inactivity threshold to 150 mg.
3. Write 30 decimal (0x1E) to Register 0x25: sets inactivity
timer to 30 samples or about 5 seconds.
4. Write 0x3F to Register 0x27: configures motion detection in
loop mode and enables referenced activity and inactivity
detection.
5. Write 0x40 to Register 0x2B: map the AWAKE bit to INT2.
The INT2 pin is tied to the gate of the switch.
6. Write 0x0A to Register 0x2D: begins the measurement in
wake-up mode.
Using External Timing Triggers
Figure 44 shows an application diagram for using the INT1 pin
as the input for an external clock. In this mode, the external
clock determines all accelerometer timing, including the output
data rate and bandwidth.
To enable this feature, at the end of the desired start-up routine,
set Bit 6 in the POWER_CTL register; for example, write 0x42
to this register to enable the use of an external clock and place
the accelerometer into measurement mode.
ADXL362
GND
INT1
INT2
CS
SCLK
MISO
MOSI
SPI
INTERFACE
VS
VS
CS
VDD I/O
VDD I/O
CIO
INTERRUPT
CONTROL
EXTERNAL
CLOCK
Figure 44. INT1 Pin as the Input for the External Clock
Figure 45 is an application diagram for using the INT2 pin as a
trigger for synchronized sampling. Acceleration samples are
produced every time this trigger is activated. To enable this
feature, near the end of the desired start-up routine, set Bit 3 in
the FILTER_CTL register; for example, write 0x4B to this register
to enable the trigger and configure the accelerometer for ±8 g
measurement range and 100 Hz ODR.
ADXL362
GND
INT1
INT2
CS
SCLK
MISO
MOSI
SPI
INTERFACE
VS
VS
CS
VDD I/O
VDD I/O
CIO
INTERRUPT
CONTROL
SAMPLING
TRIGGER
Figure 45. Using the INT2 Pin to Trigger Synchronized Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com