Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL362BCCZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 16Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 17Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 18Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 19Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 20Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 21Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 20 of 44
01
5
4
3
26
7
8
910
11
12
13
14
15
16
17
18
19
20
21
22
23
7
1
1
0
1
0
0
0
0
654
3
21
0
INSTRUCTION
8-BIT ADDRESS
DATA OUT
7
65
4321
0
CS
SCLK
MOSI
MISO
7
7
7
6
6
6
6
6
6
6
7
7
7
0
0
0
0
0
0
1
0
1
0
0
0
7
5
5
5
8B
5
8
5
5
BI
5
4
4
4
T AD
4
T
4
4
D
4
3
3
3
DRE
3
D
3
3
ES
3
2
2
2
S
2
S
2
2
2
1
1
1
1
1
0
0
0
0
0
0
0
1
1
1
Figure 36. Register Read
01
5
4
3
26
7
8
910
11
12
13
14
15
16
17
18
19
20
21
22
23
7
0
1
0
1
0
0
0
0
6
54
3210
INSTRUCTION
8-BIT ADDRESS
76543210
DATA BYTE
CS
SCLK
MOSI
MISO
7
7
7
6
6
6
6
5
8
5
B
B
5
5
5
5
4
IT A
BI
4
AD
4
4
3
DDR
D
3
RE
E
3
2
SS
S
2
2
1
1
1
0
HIGH IMPEDANCE
Figure 37. Register Write
01
5
4
3
2
678
910 11 12 13 14 15 16 17 18 19 20 21 22 23
7
1
0
1
0
0
0
0
6
5
4
3
2
10
INSTRUCTION
8-BIT ADDRESS
CS
SCLK
1
OUT BYTE 1
OUT BYTE n
MOSI
MISO
7
654
3210
7
654
3210
Figure 38. Burst Read
HIGH IMPEDANCE
01
5
4
3
26
7
8
910 11 12 13 14 15 16 17 18 19 20 21 22 23
7
1
0
1
0
0
0
0
6
5
4
3
2
10
INSTRUCTION
8-BIT ADDRESS
CS
SCLK
0
MOSI
MISO
DATA BYTE 1
DATA BYTE n
765
4321
0
7
6543
210
Figure 39. Burst Write
01
5
4
3
2
678
910
11
12
13
14
15
1
0
1
1
0
0
0
0
INSTRUCTION
CS
SCLK
MOSI
MISO
76
54
3210
76543
210
7
7
7
6
6
6
5
5
5
4
4
4
3
3
3
2
2
2
1
1
0
OUT BYTE 1
OUT BYTE n
Figure 40. FIFO Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com