Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL362BCCZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADXL362BCCZ-R2 Datasheet HTML 1Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 2Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 5 of 44
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Supply Current
Measurement Mode
100 Hz ODR (50 Hz bandwidth)5
Normal Operation
1.8
µA
Low Noise Mode
3.3
µA
Ultralow Noise Mode
13
µA
Wake-Up Mode
0.27
µA
Standby
0.01
µA
Power Supply Rejection Ratio (PSRR)
CS = 1.0 µF, RS = 100 Ω, CIO = 1.1 µF, input
is 100 mV sine wave on VS
Input Frequency 100 Hz to 1 kHz
−13
dB
Input Frequency 1 kHz to 250 kHz
−20
dB
Turn-On Time
100 Hz ODR (50 Hz bandwidth)
Power-Up to Standby
5
ms
Measurement Mode Instruction to
Valid Data
4/ODR
TEMPERATURE SENSOR
Bias
@ 25°C
350
LSB
Standard Deviation
290
LSB
Sensitivity Average
@ 25°C
0.065
°C/LSB
Standard Deviation
0.0025
°C/LSB
Sensitivity Repeatability
@ 25°C
±0.5
°C
Resolution
12
Bits
ENVIRONMENTAL
Operating Temperature Range
−40
+85
°C
1
All minimum and maximum specifications are guaranteed. Typical specifications may not be guaranteed.
2
Cross axis sensitivity is defined as coupling between any two axes.
3
−40°C to +25°C or +25°C to +85°C.
4
Self test change is defined as the output change in g when self test is asserted.
5
Refer to Figure 30 for current consumption at other bandwidth settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com