Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL362BCCZ-R2 Datasheet(PDF) 29 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 30Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 31Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 32Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 29 of 44
ACTIVITY/INACTIVITY CONTROL REGISTER
Address: 0x27, Reset: 0x00, Name: ACT_INACT_CTL
Table 13. Bit Descriptions for ACT_INACT_CTL
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
UNUSED
Unused Bits.
0x0
RW
[5:4]
LINK/LOOP
X0
Default Mode.
0x0
RW
Activity and inactivity detection are both enabled, and their interrupts (if
mapped) must be acknowledged by the host processor by reading the
STATUS register. Autosleep is disabled in this mode. Use this mode for free
fall detection applications.
01
Linked Mode.
Activity and inactivity detection are linked sequentially such that only one
is enabled at a time. Their interrupts (if mapped) must be acknowledged
by the host processor by reading the STATUS register.
11
Loop Mode.
Activity and inactivity detection are linked sequentially such that only one
is enabled at a time, and their interrupts are internally acknowledged (do
not need to be serviced by the host processor).
To use either linked or looped mode, both ACT_EN (Bit 0) and INACT_EN
(Bit 2) must be set to 1; otherwise, the default mode is used. For additional
information, refer to the Linking Activity and Inactivity Detection section.
3
INACT_REF
Referenced/Absolute Inactivity Select.
0x0
RW
1 = inactivity detection function operates in referenced mode.
0= inactivity detection function operates in absolute mode.
2
INACT_EN
Inactivity Enable.
0x0
RW
1 = enables the inactivity (underthreshold) functionality.
1
ACT_REF
Referenced/Absolute Activity Select.
0x0
RW
1 = activity detection function operates in referenced mode.
0 = activity detection function operates in absolute mode.
0
ACT_EN
Activity Enable.
0x0
RW
1 = enables the activity (overthreshold) functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com