Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL362BCCZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 10Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 11Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 12Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 13Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 14Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 15Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 16Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 17Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 14 of 44
Current consumption varies somewhat with output data rate as
shown in Figure 30, remaining below 5.0 µA over the entire
range of data rates and operating voltages.
6
5
4
3
2
1
0
OUTPUT DATA RATE (Hz)
0
100
200
300
400
VS = 1.6V
VS = 2.0V
VS = 2.5V
VS = 3.0V
VS = 3.5V
Figure 30. Current Consumption vs. Output Data Rate at Several
Supply Voltages
Antialiasing
The analog-to-digital converter (ADC) of the ADXL362 samples
at the (user selected) output data rate. In the absence of anti-
aliasing filtering, it aliases any input signals whose frequency is
more than half the data rate. To mitigate this, a two-pole low-
pass filter is provided at the input of the ADC.
The user can set this antialiasing filter to a bandwidth that is at
½ the data rate or ¼ the data rate. Setting the antialiasing filter
pole to ½ of the output data rate provides less aggressive
antialiasing filtering, but maximizes bandwidth and is adequate
for most applications. Setting the pole to ¼ of the data rate
reduces bandwidth for a given data rate, but provides more
aggressive antialiasing.
The antialiasing filter of the ADXL362 defaults to the more
conservative setting, where bandwidth is set to one-fourth the
output data rate.
POWER/NOISE TRADEOFF
The ADXL362 offers a few options for decreasing noise at the
expense of only a small increase in current consumption.
The noise performance of the ADXL362 in normal operation,
typically 7 LSB rms at 100 Hz bandwidth, is adequate for most
applications, depending upon bandwidth and the desired reso-
lution. For cases where lower noise is needed, the ADXL362
provides two lower noise operating modes that trade reduced
noise for a somewhat higher current consumption.
Table 7 lists the current consumption and noise densities obtained
for normal operation and the two lower noise modes at a typical
2.0 V supply.
Table 7. Noise and Current Consumption: Normal Operation,
Low Noise Mode, and Ultralow Noise Mode @ VS = 2.0 V,
ODR = 100 Hz
Mode
Noise
(µg/√Hz)
Typical
Current
Consumption (µA)
Typical
Normal Operation
550
1.8
Low Noise
400
3.3
Ultralow Noise
250
13
Operating the ADXL362 at a higher supply voltage also decreases
noise. Table 8 lists the current consumption and noise densities
obtained for normal operation and the two lower noise modes
at the highest recommended supply, 3.3 V.
Table 8. Noise and Current Consumption: Normal Operation,
Low Noise Mode, and Ultralow Noise Mode @ VS = 3.3 V,
ODR = 100 Hz
Mode
Noise
(µg/√Hz)
Typical
Current
Consumption (µA)
Typical
Normal Operation
380
2.7
Low Noise
280
4.5
Ultralow Noise
175
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com