Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL362BCCZ-R2 Datasheet(PDF) 43 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 36Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 37Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 38Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 39Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 40Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 41Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 42Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 43Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 43 of 44
OUTLINE DIMENSIONS
TOP VIEW
BOTTOM VIEW
END VIEW
SEATING
PLANE
3.30
3.25
3.15
PIN 1
CORNER
0.25
0.21
0.17
0.3375
REF
0.375
REF
1.14
MAX
0.85
REF
0.10
REF
1.00
REF
0.475 × 0.25
REF
0.35 × 0.25
REF
1
6
8
9
13
16
14
5
0.50
BSC
3.10
3.00
2.90
Figure 53. 16-Terminal Land Grid Array [LGA]
(CC-16-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Quantity
ADXL362BCCZ-RL
−40°C to +85°C
16-Terminal Land Grid Array [LGA]
CC-16-4
5,000
ADXL362BCCZ-RL7
−40°C to +85°C
16-Terminal Land Grid Array [LGA]
CC-16-4
1,500
ADXL362BCCZ-R2
−40°C to +85°C
16-Terminal Land Grid Array [LGA]
CC-16-4
250
EVAL-ADXL362Z
−40°C to +85°C
Breakout Board
EVAL-ADXL362Z-DB
−40°C to +85°C
Datalogger and Development Board
EVAL-ADXL362Z-MLP
−40°C to +85°C
Low Power Real-Time Evaluation System
EVAL-ADXL362Z-S
−40°C to +85°C
Satellite Board for Evaluation System
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com