Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL362BCCZ-R2 Datasheet(PDF) 41 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 36Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 37Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 38Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 39Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 40Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 41Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 42Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 43Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 41 of 44
USING AN EXTERNAL CLOCK
The ADXL362 has a built-in clock that, by default, is used for
clocked internal operations. If desired, an external clock can be
provided and used.
To use an external clock, the EXT_CLK bit (Bit 6) in the
POWER_CTL register (Address 0x2D) must be set. Setting
this bit reconfigures the INT1 pin to an input pin on which the
clock can be provided. The external clock must operate at or
below 51.2 kHz. Further information is provided in the External
Clock section.
USING SELF TEST
The self test function, described in the Self Test section, is
enabled via the ST bit in the SELF_TEST register, Address 0x2E.
The recommended procedure for using the self test functionality is
as follows:
1. Read acceleration data for the x-, y-, and z-axes.
2. Assert self test by setting the ST bit in the SELF_TEST
register, Address 0x2E.
3. Wait 1/ODR for the output to settle to its new value.
4. Read acceleration data for the x-, y-, and z-axes.
5. Compare to the values from Step 1, and convert the
difference from LSB to mg by multiplying by the sensitivity.
If the observed difference falls within the self test output
change specification listed in Table 1, then the device
passes self test and is deemed operational.
6. Deassert self test by clearing the ST bit in the SELF_TEST
register, Address 0x2E.
The self test output change specification is given for VS = 2.0 V.
Because the electrostatic force is proportional to VS2 and the
sensitivity of the device is ratiometric to VS, the output change
varies with VS. The scale factors shown in Table 22 can be used
to adjust the expected self test output limits for different supply
voltages, VS.
Note that at higher voltages, self test deltas may exceed 1 g. If
the measurement is performed with one axis experiencing 1 g
due to gravity, and if the accelerometer is configured for a ±2 g
measurement range, the axis that is aligned with the field of
gravity may reach 2 g and its output clips (saturates to its full-
scale value). To alleviate this, self test can be measured with the
y-axis aligned with gravity (where the y-axis self test output
change is negative), or with the accelerometer configured for a
±4 g or ±8 g measurement range.
Table 22. Self Test Output Scale Factors for Different Supply
Voltages, VS
Supply Voltage, VS (V)
Self Test Output Scale Factor
1.6
0.62
2.0
1.0
2.5
1.6
3.0
2.4
3.5
3.4
OPERATION AT VOLTAGES OTHER THAN 2.0 V
The ADXL362 is tested and specified at a supply voltage of VS =
2.0 V; however, it can be powered with a VS as high as 3.3 V
nominal (3.5 V maximum) or as low as 1.8 V nominal (1.6 V
minimum). Some performance parameters change as the supply
voltage changes, including the supply current (see Figure 30),
noise (see Table 7 and Table 8), offset, sensitivity, and self test
output change (see Table 22).
Figure 48 shows the potential effect on 0 g offset at varying
supply voltage. Data for this figure was calibrated to show 0 mg
offset at 2.0 V.
–100
–50
0
50
100
150
200
1.5
2.0
2.5
3.0
3.5
X-AXIS
Y-AXIS
Z-AXIS
VS (V)
Figure 48. 0 g Offset vs. Supply Voltage
MECHANICAL CONSIDERATIONS FOR MOUNTING
Mount the ADXL362 on the printed circuit board (PCB) in a
location close to a hard mounting point of the PCB to the case.
Mounting the ADXL362 at an unsupported PCB location, as
shown in Figure 49, can result in large, apparent measurement
errors due to undampened PCB vibration. Locating the accel-
erometer near a hard mounting point ensures that any PCB
vibration at the accelerometer is above the mechanical sensor
resonant frequency of the accelerometer and, therefore, effec-
tively invisible to the accelerometer. Multiple mounting points,
close to the sensor, and/or a thicker PCB also help to reduce the
effect of system resonance on the performance of the sensor.
MOUNTING POINTS
PCB
ACCELEROMETERS
Figure 49. Incorrectly Placed Accelerometers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com